Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7566 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7566
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7566 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7566 Datasheet HTML 7Page - STMicroelectronics TDA7566 Datasheet HTML 8Page - STMicroelectronics TDA7566 Datasheet HTML 9Page - STMicroelectronics TDA7566 Datasheet HTML 10Page - STMicroelectronics TDA7566 Datasheet HTML 11Page - STMicroelectronics TDA7566 Datasheet HTML 12Page - STMicroelectronics TDA7566 Datasheet HTML 13Page - STMicroelectronics TDA7566 Datasheet HTML 14Page - STMicroelectronics TDA7566 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
TDA7566
OUTPUT DC OFFSET DETECTION.
Any DC output offset exceeding ±2V are signalled out. This inconvenient might occur as a consequence of ini-
tially defective or aged and worn-out input capacitors feeding a DC component to the inputs, so putting the
speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop" command):
START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1
STOP = Actual reading operation
Excess offset is signalled out if persistent throughout the assigned testing time. This feature is disabled if any
overloads leading to activation of the short-circuit protection occurs in the process.
AC DIAGNOSTIC.
It is targeted at detecting accidental disconnection of tweeters in 2-way speaker and, more in general, presence
of capacitively (AC) coupled loads.
This diagnostic is based on the notion that the overall speaker's impedance (woofer + parallel tweeter) will tend
to increase towards high frequencies if the tweeter gets disconnected, because the remaining speaker (woofer)
would be out of its operating range (high impedance). The diagnostic decision is made according to peak output
current thresholds, as follows:
Iout > 500mApk = NORMAL STATUS
Iout < 250mApk = OPEN TWEETER
To correctly implement this feature, it is necessary to briefly provide a signal tone (with the amplifier in "play")
whose frequency and magnitude are such to determine an output current higher than 500mApk in normal con-
ditions and lower than 250mApk should the parallel tweeter be missing. The test has to last for a minimum num-
ber of 3 sine cycles starting from the activation of the AC diagnostic function IB2<D2>) up to the I2C reading of
the results (measuring period). To confirm presence of tweeter, it is necessary to find at least 3 current pulses
over 500mA over all the measuring period, else an "open tweeter" message will be issued.
The frequency / magnitude setting of the test tone depends on the impedance characteristics of each specific
speaker being used, with or without the tweeter connected (to be calculated case by case). High-frequency
tones (> 10 KHz) or even ultrasonic signals are recommended for their negligible acoustic impact and also to
maximize the impedance module's ratio between with tweeter-on and tweeter-off.
Fig. 19 shows the Load Impedance as a function of the peak output voltage and the relevant diagnostic fields.
This feature is disabled if any overloads leading to activation of the short-circuit protection occurs in the process.
Figure 19. Current detection: Load impedance magnitude |Z| Vs. output peak voltage of the sinus
12345
67
8
1
2
3
5
10
20
30
50
Vout (Peak)
Load |z| (Ohm)
Iout (peak) <250mA
Iout (peak) >500mA
Low current detection area
(Open load)
D5 = 1 of the DBx byres
High current detection area
(Normal load)
D5 = 0 of the DBx bytes


Similar Part No. - TDA7566

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
395Kb / 28P
   4x40W multifunction quad power amplifier with built-in diagnostics features
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
   4x40W multifunction quad power amplifier with built-in diagnostics features
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
   4 x 40 W multifunction quad power amplifier with built-in diagnostics features
More results

Similar Description - TDA7566

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
   4x40W multifunction quad power amplifier with built-in diagnostics features
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
   4 x 50W multifunction quad power amplifier with built-in diagnostics features
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
   4 x 40 W multifunction quad power amplifier with built-in diagnostics features
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
   4 x 46 W multifunction quad power amplifier with built-in diagnostics features
February 2016 Rev 1
TDA7562B STMICROELECTRONICS-TDA7562B Datasheet
454Kb / 30P
   4 x 46 W multifunction quad power amplifier with built-in diagnostics features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com