Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6389 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6389
Description  1,048,576-Word x 1-Bit Solid-State Recorder Data Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6389 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6389 Datasheet HTML 1Page - OKI electronic componets MSM6389 Datasheet HTML 2Page - OKI electronic componets MSM6389 Datasheet HTML 3Page - OKI electronic componets MSM6389 Datasheet HTML 4Page - OKI electronic componets MSM6389 Datasheet HTML 5Page - OKI electronic componets MSM6389 Datasheet HTML 6Page - OKI electronic componets MSM6389 Datasheet HTML 7Page - OKI electronic componets MSM6389 Datasheet HTML 8Page - OKI electronic componets MSM6389 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
¡ Semiconductor
MSM6389C
5/11
AC Characteristics
Note: Switching to the fast mode should be made satisfying the timings of tFSandtSS atthe"L"level
of RWCK.
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
MSM6389C-SELF
MSM6389C-AUTO
———
100
Refresh Cycle
tREF
ms
4,000
2,000
Read/Write Cycle Time
tRWC
ns
3,000
1,500
Access Time
tACC
ns
050050
Output Turn-off Delay Time
tOFF
ns
350350
Input Signal Rise/Fall Time
tT
ns
1,000
500
RWCK Precharge Time
tRWP
ns
3,000
10,000
1,500
10,000
RWCK Pulse Width
tRW
ns
100
100
SAS Cycle Time
tSSC
ns
50—50—
SAS Pulse Width
tSAS
ns
50—50—
SAS Precharge Time
tSAP
ns
0—0—
Address Setup Time
tAS
ns
50—50—
Address Hold Time
tAH
ns
50—50—
TAS Setup Time
tATS
ns
50—50—
TAS to RWCK Setup Time
tTRS
ns
50—50—
TAS Pulse Width
tTAS
ns
0—0—
Read Command Setup Time
tRRS
ns
50—50—
Read Command Hold Time
tRRH
ns
0—0—
Write Command Setup Time
tWRS
ns
50—50—
Write Command Hold Time
tWRH
ns
50—50—
Write Command Pulse Width
tWP
ns
50—50—
WE to RWCK Lead Tme
tRWL
ns
0—0—
Data Setup Time
tDS
ns
50—50—
Data Hold Time
tDH
ns
100
100
RWCK to WE Delay Time
tRWD
ns
500
RFSH Setup Time
tRFS
ns
500
RFSH Precharge Time
tRFP
ns
1,500
10,000
RFSH Pulse Width
tRF
ns
500
RFSH RWCK Precharge Time
tRRP
ns
400
400
Fast Mode Cycle Time
tFC
ns
300
300
Fast RWCK Mode Access Time
tFAC
ns
100
100
Fast RWCK Precharge Time
tFCP
ns
300
300
Fast Mode RWCK Pulse Width
tFR
ns
0—0—
Fast Mode Setup Time
tFS
ns
50—50—
Fast Mode Hold Time
tFH
ns
4,000
100,000
2,000
100,000
Fast Mode Width
tFCC
ns
0—0—
Slow Mode Setup Time
tSS
ns
50—50—
Slow Mode Hold Time
tSH
ns
(VCC = 3.5 V to 5.5 V, Ta = 0 to 70°C)


Similar Part No. - MSM6389

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6307 OKI-MSM6307 Datasheet
1Mb / 43P
   D2B TRANSCEIVER LSI
MSM6307GS-VK OKI-MSM6307GS-VK Datasheet
1Mb / 43P
   D2B TRANSCEIVER LSI
MSM6307RS OKI-MSM6307RS Datasheet
1Mb / 43P
   D2B TRANSCEIVER LSI
MSM6309 OKI-MSM6309 Datasheet
966Kb / 24P
   SOLID STATE RECORDING LSI(FOR 256K-bit SRAM)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results

Similar Description - MSM6389

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63V89C OKI-MSM63V89C Datasheet
141Kb / 11P
   1,048,576-Word x 1-Bit Solid-State Recorder Data Register
logo
Toshiba Semiconductor
TC551402J TOSHIBA-TC551402J_V01 Datasheet
347Kb / 6P
   4,194,304 WORD x 1 BIT/1,048,576 WORD x 4 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM6685A OKI-MSM6685A Datasheet
102Kb / 10P
   8,388,608-Word x 1-Bit Serial Register
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
   4,194,304-word x 1-bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
   524,288-Word x 1-Bit Serial Register
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
   8,388,608-Word x 1-Bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
   4,194,304-word x 1-bit Serial Register
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
   262,144-Word x 1-Bit Serial Register
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com