Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5333ASX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN5333ASX
Description  High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5333ASX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5333ASX Datasheet HTML 3Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 4Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 5Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 6Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 7Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 8Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 9Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 10Page - Fairchild Semiconductor FAN5333ASX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
FAN5333A/FAN5333B Rev. 1.0.1
3. Dimming Using Filtered PWM Signal
This method allows the use of a greater than 1kHz PWM fre-
quency signal with minimum impact on the battery ripple. The
filtered PWM signal Table 8 on page 9 acts as an adjustable DC
voltage as long as its frequency is significantly higher than the
corner frequency of the RC low pass filter.
Figure 8. Dimming Using Filtered PWM Signal
Thermal Shutdown
When the die temperature exceeds 150°C, a reset occurs and
will remain in effect until the die cools to 130°C, at that time the
circuit will be allowed to restart.
PCB Layout Recommendations
The inherently high peak currents and switching frequency of
power supplies require careful PCB layout design. Therefore,
use wide traces for high current paths and place the input
capacitor, the inductor, and the output capacitor as close as
possible to the integrated circuit terminals. The FB pin connec-
tion should be routed away from the inductor proximity to pre-
vent RF coupling. A PCB with at least one ground plane
connected to pin 2 of the IC is recommended. This ground plane
acts as an electromagnetic shield to reduce EMI and parasitic
coupling between components.
FB
20K
15K
5
1.6K
FAN5333A
0.1
µF
FB
20K
15K
15
4.7K
FAN5333B
0.1
µF


Similar Part No. - FAN5333ASX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
More results

Similar Description - FAN5333ASX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com