Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

908E626 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 908E626
Description  Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E626 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 908E626 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 9Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 10Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 11Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 12Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 13Page - Freescale Semiconductor, Inc 908E626 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
908E626
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
All characteristics are for the analog chip only. Please refer to the 68HC908EY16 datasheet for characteristics of the
microcontroller chip. Characteristics noted under conditions 9.0 V VSUP 16 V, -40°C TJ 135°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LIN PHYSICAL LAYER
Propagation Delay (11), (12)
TXD LOW to LIN LOW
TXD HIGH to LIN HIGH
LIN LOW to RXD LOW
LIN HIGH to RXD HIGH
TXD Symmetry
RXD Symmetry
tTXD-LIN-LOW
tTXD-LIN-HIGH
tLIN-RXD-LOW
tLIN-RXD-HIGH
tTXD-SYM
tRXD-SYM
-2.0
-2.0
4.0
4.0
6.0
6.0
8.0
8.0
2.0
2.0
µs
Output Falling Edge Slew Rate (11), (13)
80% to 20%
SRF
-1.0
-2.0
-3.0
V/
µs
Output Rising Edge Slew Rate (11), (13)
20% to 80%, RBUS > 1.0 kΩ, CBUS < 10 nF
SRR
1.0
2.0
3.0
V/
µs
LIN Rise/Fall Slew Rate Symmetry (11), (13)
SRS
-2.0
2.0
µs
AUTONOMOUS WATCHDOG (AWD)
AWD Oscillator Period
tOSC
40
µs
AWD Period Low = 512 tOSC
tAWDPH
16
22
28
ms
AWD Period High = 256 tOSC
tAWDPL
8.0
11
14
ms
Notes
11.
All LIN characteristics are for initial LIN slew rate selection (20 kbaud) (SRS0:SRS1= 00).
12.
See Figure 4, page 12.
13.
See Figure 5, page 12.


Similar Part No. - 908E626

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
More results

Similar Description - 908E626

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E626 FREESCALE-908E626_12 Datasheet
811Kb / 43P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_09 Datasheet
839Kb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E626 FREESCALE-908E626_08 Datasheet
1Mb / 44P
   Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625_10 Datasheet
913Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Motorola, Inc
MM908E625 MOTOROLA-MM908E625 Datasheet
595Kb / 40P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
logo
Freescale Semiconductor...
908E625 FREESCALE-908E625_07 Datasheet
754Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com