Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2703 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS2703
Description  SHA-1 Battery Pack Authentication IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2703 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS2703 Datasheet HTML 6Page - Dallas Semiconductor DS2703 Datasheet HTML 7Page - Dallas Semiconductor DS2703 Datasheet HTML 8Page - Dallas Semiconductor DS2703 Datasheet HTML 9Page - Dallas Semiconductor DS2703 Datasheet HTML 10Page - Dallas Semiconductor DS2703 Datasheet HTML 11Page - Dallas Semiconductor DS2703 Datasheet HTML 12Page - Dallas Semiconductor DS2703 Datasheet HTML 13Page - Dallas Semiconductor DS2703 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS2703 SHA-1 Battery Pack Authentication IC
10 of 20
Table 6. Thermistor Function Command
COMMAND
HEX
FUNCTION
Activate Thermistor
A9
Activates the THM output for thermistor measurement. Activation
occurs within 50
ms of command completion and continues until VB
capacitor depleted.
1-Wire BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. A multidrop bus is a 1-Wire bus
with multiple slaves, while a single-drop bus has only one slave device. In all instances, the DS2703 is a slave
device. The bus master is typically a microprocessor in the host system. The discussion of this bus system consists
of five topics: 64-bit net address, CRC generation, hardware configuration, transaction sequence, and 1-Wire
signaling.
64-BIT NET ADDRESS (ROM ID)
Each DS2703 has a unique, factory-programmed 1-Wire Net Address that is 64 bits in length. The term Net
Address is synonymous with the ROM ID or ROM Code terms used in earlier Dallas 1-Wire product documentation.
The first eight bits of the Net Address are the 1-Wire family code, (34h) for the DS2703. The next 48 bits are a
unique serial number. The last eight bits are a cyclic redundancy check (CRC) of the first 56 bits (see Figure 3.).
The 64-bit net address and the 1-Wire I/O circuitry built into the device enable the DS2703 to communicate through
the 1-Wire protocol detailed in this data sheet.
Figure 3. 1-Wire Net Address Format
8-BIT CRC
48-BIT SERIAL NUMBER
8-BIT FAMILY
CODE (34H)
MSb
LSb
CRC GENERATION
The DS2703 has an 8-bit CRC stored in the most significant byte of its 1-Wire net address. To ensure error-free
transmission of the address, the host system can compute a CRC value from the first 56 bits of the address and
compare it to the 8-bit CRC from the DS2703.
The host system is responsible for verifying the CRC value and taking action as a result. The DS2703 does not
compare CRC values and does not prevent a command sequence from proceeding as a result of a CRC mismatch.
Proper use of the CRC can result in a communication channel with a very high level of integrity.
The CRC can be generated by the host using a circuit consisting of a shift register and XOR gates as shown in
Figure 4, or it can be generated in software using the polynomial X
8 + X5 + X4 + 1. Additional information about the
Dallas 1-Wire CRC is available in Application Note 27: Understanding and Using Cyclic Redundancy Checks with
Dallas Semiconductor Touch Memory Products (www.maxim-ic.com/appnoteindex).
In Figure 4, the Shift Register bits are initialized to 0. Then, starting with the least significant bit of the family code,
one bit at a time is shifted in. After the 8th bit of the family code has been entered, then the serial number is
entered. After the 48th bit of the serial number has been entered, the shift register contains the CRC value.
Figure 4. 1-Wire CRC Generation Block Diagram
MSb
XOR
XOR
LSb
XOR
INPUT


Similar Part No. - DS2703

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS2703 TTELEC-DS2703 Datasheet
540Kb / 4P
   Economic Industrial Transmitter
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2703G MAXIM-DS2703G Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2703GTR MAXIM-DS2703GTR Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2703U MAXIM-DS2703U Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
More results

Similar Description - DS2703

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2703 DALLAS-DS2703_07 Datasheet
369Kb / 20P
   SHA-1 Battery Pack Authentication IC
logo
Maxim Integrated Produc...
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2705 MAXIM-DS2705 Datasheet
211Kb / 18P
   SHA-1 Authentication Master
050506
DS2705 MAXIM-DS2705_V01 Datasheet
356Kb / 18P
   SHA-1 Authentication Master
2007
logo
Dallas Semiconductor
DS2705 DALLAS-DS2705_07 Datasheet
339Kb / 18P
   SHA-1 Authentication Master
logo
Texas Instruments
BQ26150 TI-BQ26150 Datasheet
461Kb / 16P
[Old version datasheet]   BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
BQ26100 TI-BQ26100 Datasheet
408Kb / 22P
[Old version datasheet]   SHA-1/HMAC BASED SECURITY AND AUTHENTICATION IC WITH SDQ INTERFACE
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
   1280-Bit EEPROM with SHA-1 Authentication
011206
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com