Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733-28CVTR Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1733-28CVTR
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-28CVTR Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1733-28CVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-28CVTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC1733
500mA, Low Dropout Linear Regulator with Shutdown
Analog Integrations Corporation
Si-Soft Research Center
DS-1733P-03 092304
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Active Low Shutdown Control.
Very Low Quiescent Current.
Very Low Dropout Voltage of 650mV at 500mA
Output Current (3.0V Output Version)
1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V Output Voltage.
Short Circuit and Thermal Protection.
±2% Output Tolerance.
Miniature Package: SOT-23-5
APPLICATIONS
PDA
DSC
Notebook
Pagers
Personal Communication Equipment
Cordless Telephones
Portable Instrumentation
Portable Consumer Equipment
Battery Powered Systems
DESCRIPTION
AIC1733 is a 500mA low noise, low dropout
linear regulator, and is housed in small SOT-23-5
package. The device is in the “ON” state when
the SHDN pin is set to logic high level. An
internal P-MOSFET pass transistor is used to
achieve 650mV low dropout voltage at 500mA
load current. It offers high precision output
voltage of
±2%. The quality of low quiescent
current and low dropout voltage makes this
device ideal for battery power applications. The
internal reverse bias protection eliminates the
requirement for a reverse voltage protection
diode. The high ripple rejection and low noise of
AIC1733 provide enhanced performance for
critical applications. The noise bypass pin can be
connected an external capacitor to reduce the
output noise level.
TYPICAL APPLICATION CIRCUIT
CIN
1
µF
VIN
BP
VOUT
SHDN
GND
VIN
AIC1733
COUT
1
µF
CBP
0.1
µF
VSHDN
VOUT
+
+
Low Noise Low Dropout Linear Regulator


Similar Part No. - AIC1733-28CVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-28CV AIC-AIC1733-28CV Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-28CVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com