Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC03DGM Datasheet(PDF) 2 Page - NEC

Part # AC03DGM
Description  3A MOLD TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC03DGM Datasheet(HTML) 2 Page - NEC

  AC03DGM Datasheet HTML 1Page - NEC AC03DGM Datasheet HTML 2Page - NEC AC03DGM Datasheet HTML 3Page - NEC AC03DGM Datasheet HTML 4Page - NEC AC03DGM Datasheet HTML 5Page - NEC AC03DGM Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D13536EJ3V0DS
2
AC03DGM, AC03FGM
ELECTRICAL CHARACTERISTICS (Tj = 25
°°°°C, RGK = 1 kΩ
Ω)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Remarks
Tj = 25
°C
−−
100
µA
Repeat peak off-current
IDRM
VDM = VDRM
Tj = 125
°C
−−
1mA
On-state voltage
VTM
ITM = 5 A
−−
1.8
V
Refer to
Figure 1.
Mode I
T2 +, G+
−−
12
II
T2
−, G+
−−−
III
T2
−, G−−
12
Gate trigger
current
IV
IGT
VDM = 12 V
RL = 30
T2 +, G
−−
12
mA
Refer to
Figure 4.
Mode I
T2 +, G+
−−
1.5
II
T2
−, G+
−−−
III
T2
−, G−−
1.5
Gate trigger
voltage
IV
VGT
VDM = 12 V
RL = 30
T2 +, G
−−
1.5
V
Refer to
Figure 4.
Gate non-trigger voltage
VGD
Tj = 125
°C, VDM =
1
2
VDRM
0.2
−−
V
Hold current
IH
VDM = 24 V, ITM = 5 A
10
mA
Critical rate of rise of off-
state voltage
dv/dt
Tj = 125
°C, VDM =
2
3
VDRM
100
V/
µs
Commutating critical rate of
rise of off-state voltage
(dv/dt)c
Tj = 125
°C
(diT/dt)c =
−1.6 A/ms
VD = 400 V
5
−−
V/
µs
Rth(j−c)
Junction-to-case AC
−−
10
°C/W
Thermal resistance*
Rth(j−a)
Junction-to-ambient AC
−−
75
°C/W
Refer to
Figure 13.
* The thermal resistance at 50 Hz and 60 Hz sine wave current, which is shown on the following expression:
Rth(j−c) =
Tj(max)–TC
PT(AV)
Tj(max) :Maximum junction temperature
TC
:Case temperature
PT(AV) :Average on-dissipation


Similar Part No. - AC03DGM

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
AC03DGM TECCOR-AC03DGM Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
Renesas Technology Corp
AC03DGM RENESAS-AC03DGM Datasheet
373Kb / 8P
   3 A MOLD TRIAC
April 1st, 2010
More results

Similar Description - AC03DGM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AC03DJM RENESAS-AC03DJM Datasheet
444Kb / 8P
   3A MOLD TRIAC
1988
logo
KEC(Korea Electronics)
T3A6CI KEC-T3A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
   1A MOLD TRIAC
AC10DGM NEC-AC10DGM Datasheet
604Kb / 6P
   10A MOLD TRIAC
logo
Renesas Technology Corp
AC0V8DGM RENESAS-AC0V8DGM Datasheet
1Mb / 8P
   0.8A MOLD TRIAC
1988
logo
NEC
AC12DGM NEC-AC12DGM Datasheet
707Kb / 6P
   12A MOLD TRIAC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
   16A MOLD TRIAC
logo
Renesas Technology Corp
AC01DGM RENESAS-AC01DGM Datasheet
1Mb / 8P
   1A MOLD TRIAC
1988
logo
NEC
3P4J NEC-3P4J Datasheet
1Mb / 6P
   3A MOLD THYRISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com