Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC10DGM Datasheet(PDF) 3 Page - NEC

Part # AC10DGM
Description  10A MOLD TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AC10DGM Datasheet(HTML) 3 Page - NEC

  AC10DGM Datasheet HTML 1Page - NEC AC10DGM Datasheet HTML 2Page - NEC AC10DGM Datasheet HTML 3Page - NEC AC10DGM Datasheet HTML 4Page - NEC AC10DGM Datasheet HTML 5Page - NEC AC10DGM Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - AC10DGM

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
AC10DGML TECCOR-AC10DGML Datasheet
2Mb / 223P
   Thyristor Product Catalog
More results

Similar Description - AC10DGM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AC03DJM RENESAS-AC03DJM Datasheet
444Kb / 8P
   3A MOLD TRIAC
1988
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
AC01DGM NEC-AC01DGM Datasheet
1Mb / 6P
   1A MOLD TRIAC
AC03DGM NEC-AC03DGM Datasheet
179Kb / 6P
   3A MOLD TRIAC
logo
Renesas Technology Corp
AC0V8DGM RENESAS-AC0V8DGM Datasheet
1Mb / 8P
   0.8A MOLD TRIAC
1988
logo
NEC
AC12DGM NEC-AC12DGM Datasheet
707Kb / 6P
   12A MOLD TRIAC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
   16A MOLD TRIAC
logo
Renesas Technology Corp
AC01DGM RENESAS-AC01DGM Datasheet
1Mb / 8P
   1A MOLD TRIAC
1988
logo
KEC(Korea Electronics)
T12A6CI KEC-T12A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
T10A6CI KEC-T10A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com