Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34096-10TC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C34096-10TC
Description  5V/3.3V 512K X8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096-10TC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C34096-10TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096-10TC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
AS7C4096
AS7C34096
1/13/05; v.1.9
Alliance Semiconductor
P. 3 of 9
Recommended operating condition
Parameter
Device
Symbol
Min
Nominal
Max
Unit
Supply voltage
AS7C4096
VCC(12/15/20)
4.5
5.0
5.5
V
AS7C34096
VCC (10)
3.15
3.30
3.6
V
AS7C34096
VCC(12/15/20)
3.0
3.3
3.6
V
Input voltage
AS7C4096
VIH
2.2
VCC + 0.5
V
AS7C34096
VIH
2.0
VCC + 0.5
V
VIL1
1 VIL min = –1.0V for pulse width less than 5ns.
–0.5
0.8
V
Ambient operating
temperature
commercial
TA
0–
70
°C
industrial
TA
–40
85
°C
DC operating characteristics (over the operating range)1
Parameter Symbol
Test conditions
Device
–10
–12
–15
–20
Unit
Min Max Min Max Min Max Min Max
Input leakage
current
|ILI|VCC = Max, VIN = GND to VCC
AS7C4096/
AS7C34096
–1
–1–
1–1
µA
Output
leakage
current
|ILO|
VCC = Max, CE = VIH
VOUT= GND to VCC
AS7C4096/
AS7C34096
–1
–1–
1–1
µA
Operating
power supply
current
ICC
VCC = Max, CE < VIL
f = fMax, IOUT = 0mA
AS7C4096
250
220
180 mA
AS7C34096
160
130
110
100
Standby
power supply
current
ISB
VCC = Max, CE = VIH
f = fMax, IOUT = 0mA
AS7C4096
60–60–60
mA
AS7C34096
60
60
60
60
ISB1
VCC = Max,
CE
≥ VCC – 0.2V, VIN ≤ 0.2V or VIN
≥ VCC – 0.2V, f = 0
AS7C4096
20–20–20
mA
AS7C34096
20
20
20
20
Output
voltage
VOL
IOL = 8 mA, VCC = Min
AS7C4096/
AS7C34096
–0.4
0.4–0.4–0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4–2.4–2.4
2.4
V
Capacitance (f = 1MHz, TA= 25° C, VCC = NOMINAL)2
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF


Similar Part No. - AS7C34096-10TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JC ALSC-AS7C34096A-10JC Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JCN ALSC-AS7C34096A-10JCN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JI ALSC-AS7C34096A-10JI Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JIN ALSC-AS7C34096A-10JIN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
More results

Similar Description - AS7C34096-10TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
STMicroelectronics
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com