Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34096-20JCN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C34096-20JCN
Description  5V/3.3V 512K X8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096-20JCN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

  AS7C34096-20JCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096-20JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trade-
marks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document.
The data contained herein represents Alliance’s best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under
development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate
as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or
implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as
express agreed to in Alliance’s Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance’s Terms and Conditions of Sale. The purchase of
products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products
for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting sys-
tems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
®
AS7C4096
AS7C34096
1/13/05; v.1.9
Alliance Semiconductor
P. 9 of 9
Note:
Add suffix “N” to the above part number for lead free devices, Ex. AS7C4096-12JCN
Ordering codes
Package
Version
10 ns
12 ns
15 ns
20 ns
SOJ
5V commercial
NA
AS7C4096-12JC
AS7C4096-15JC
AS7C4096-20JC
5V industrial
NA
AS7C4096-12JI
AS7C4096-15JI
AS7C4096-20JI
3.3V commercial
AS7C34096-10JC
AS7C34096-12JC
AS7C34096-15JC
AS7C34096-20JC
3.3V industrial
NA
AS7C34096-12JI
AS7C34096-15JI
AS7C34096-20JI
TSOP 2
5V commercial
NA
AS7C4096-12TC
AS7C4096-15TC
AS7C4096-20TC
5V industrial
NA
AS7C4096-12TI
AS7C4096-15TI
AS7C4096-20TI
3.3V commercial
AS7C34096-10TC
AS7C34096-12TC
AS7C34096-15TC
AS7C34096-20TC
3.3V industrial
NA
AS7C34096-12TI
AS7C34096-15TI
AS7C34096-20TI
Part numbering system
AS7C
X
4096
–XX
J or T
X
N
SRAM prefix
Voltage:
Blank: 5V CMOS
3: 3.3V CMOS
Device
number
Access
time
Packages:
J: SOJ 400 mil
T: TSOP 2
Temperature ranges:
C: Commercial, 0°C to 70°C
I: Industrial, –40°C to 85°C
Lead free device


Similar Part No. - AS7C34096-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JC ALSC-AS7C34096A-10JC Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JCN ALSC-AS7C34096A-10JCN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JI ALSC-AS7C34096A-10JI Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
AS7C34096A-10JIN ALSC-AS7C34096A-10JIN Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
More results

Similar Description - AS7C34096-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Hynix Semiconductor
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
logo
STMicroelectronics
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com