Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-29XX Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCMS-29XX
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-29XX Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCMS-29XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-29XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Optical Characteristics at 25
°C[1]
VLED = 5.0 V, 50% Peak Current, 100% Pulse Width
Luminous Intensity
Peak
Dominant
per LED[2]
Wavelength
Wavelength
Character Average (
µcd)
λλλλλ
Peak (nm)
λλλλλ
d
[3] (nm)
Display Color
Part Number
Min.
Typ.
Typ.
Typ.
AlGaAs Red
HCMS-
29X5
95
230
645
637
High Efficiency Red
HCMS-
29X2
29
64
635
626
Orange
HCMS-
29X4
29
64
600
602
Yellow
HCMS-
29X1
29
64
583
585
Green
HCMS-
29X3
57
114
568
574
Notes:
1. Refers to the initial case temperature of the device immediately prior to measurement.
2. Measured with all LEDs illuminated.
3. Dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the
perceived LED color.
Electrical Description
Pin Function
Description
RESET (RST)
Sets Control Register bits to logic low. The Dot Register contents are
unaffected by the Reset pin. (logic low = reset; logic high = normal
operation).
DATA IN (D
IN)
Serial Data input for Dot or Control Register data. Data is entered on the
rising edge of the Clock input.
DATA OUT (D
OUT)
Serial Data output for Dot or Control Register data. This pin is used for
cascading multiple displays.
CLOCK (CLK)
Clock input for writing Dot or Control Register data. When Chip Enable is
logic low, data is entered on the rising Clock edge.
REGISTER SELECT (RS)
Selects Dot Register (RS = logic low) or Control Register (RS = logic high)
as the destination for serial data entry. The logic level of RS is latched on
the falling edge of the Chip Enable input.
CHIP ENABLE (CE)
This input must be a logic low to write data to the display. When CE
returns to logic high and CLK is logic low, data is latched to either the LED
output drivers or a Control Register.
OSCILLATOR SELECT
Selects either an internal or external display oscillator source.
(SEL)
(logic low = External Display Oscillator; logic high = Internal Display
Oscillator).
OSCILLATOR (OSC)
Output for the Internal Display Oscillator (SEL = logic high) or input for an
External Display Oscillator (SEL = logic low).
BLANK (BL)
Blanks the display when logic high. May be modulated for brightness
control.
GND
LED
Ground for LED drivers.
GND
LOGIC
Ground for logic.
V
LED
Positive supply for LED drivers.
V
LOGIC
Positive supply for logic.


Similar Part No. - HCMS-29XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results

Similar Description - HCMS-29XX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com