Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR1A3M Datasheet(PDF) 2 Page - NEC

Part # AR1A3M
Description  on-chip resistor PNP silicon epitaxial transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AR1A3M Datasheet(HTML) 2 Page - NEC

  AR1A3M Datasheet HTML 1Page - NEC AR1A3M Datasheet HTML 2Page - NEC AR1A3M Datasheet HTML 3Page - NEC AR1A3M Datasheet HTML 4Page - NEC AR1A3M Datasheet HTML 5Page - NEC AR1A3M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16172EJ1V0DS
2
AR1 SERIES
AR1A3M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
50
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −1.0 A
50
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.4 A
−0.4
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
0.7
1.0
1.3
k
E-to-B resistance
R2
0.7
1.0
1.3
k
** PW
≤ 350
µs, duty cycle ≤ 2 %
AR1F3P
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
150
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −1.0 A
50
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.35 A
−0.3
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
1.54
2.2
2.86
k
E-to-B resistance
R2
710
13
k
** PW
≤ 350
µs, duty cycle ≤ 2 %
AR1L3N
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
150
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −1.0 A
50
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.2 A
−0.3
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
3.29
4.7
6.11
k
E-to-B resistance
R2
710
13
k
** PW
≤ 350
µs, duty cycle ≤ 2 %


Similar Part No. - AR1A3M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR10 ETC-AR10 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
logo
Microchip Technology
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Allied Components Inter...
AR1009-1326 ALLIED-AR1009-1326 Datasheet
938Kb / 2P
   RJ45 SINGLE PORT WITH MAGNETICS
More results

Similar Description - AR1A3M

ManufacturerPart #DatasheetDescription
logo
NEC
AN1L3N NEC-AN1L3N Datasheet
82Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor
BA1A4Z NEC-BA1A4Z Datasheet
75Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor
AN1A3Q NEC-AN1A3Q Datasheet
83Kb / 4P
   On-Chip Resistor PNP Silicon Epitaxial Transistor
AN1L3M NEC-AN1L3M Datasheet
83Kb / 4P
   on-chip resistor PNP silicon epitaxial transistor
AB1A4A NEC-AB1A4A Datasheet
85Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
BA1L3N NEC-BA1L3N Datasheet
84Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor
AQ1L2N NEC-AQ1L2N Datasheet
104Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
BA1L3M NEC-BA1L3M Datasheet
90Kb / 4P
   On-chip resistor NPN Silicon Epitaxial Transistor
AP1A3M NEC-AP1A3M Datasheet
84Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
BA1L4Z NEC-BA1L4Z Datasheet
97Kb / 4P
   on-chip resistor NPN silicon epitaxial transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com