Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2965 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCMS-2965
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2965 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCMS-2965 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCMS-2965 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Reset
Reset initializes the Control
Registers (sets all Control
Register bits to logic low) and
places the display in the sleep
mode. The Reset pin should be
connected to the system power-on
reset circuit. The Dot Registers
are not cleared upon power-on or
by Reset. After power-on, the Dot
Register contents are random;
however, Reset will put the
display in sleep mode, thereby
blanking the LEDs. The Control
Register and the Control Words
are cleared to all zeros by Reset.
To operate the display after being
Reset, load the Dot Register with
logic lows. Then load Control
Word 0 with the desired bright-
ness level and set the sleep mode
bit to logic high.
Dot Register
The Dot Register holds the
pattern to be displayed by the
Display Overview
The HCMS-29xx series is a family
of LED displays driven by
on-board CMOS ICs. The LEDs
are configured as 5 x 7 font
characters and are driven in
groups of 4 characters per IC.
Each IC consists of a 160-bit shift
register (the Dot Register), two
7-bit Control Words, and refresh
circuitry. The Dot Register
contents are mapped on a
one-to-one basis to the display.
Thus, an individual Dot Register
bit uniquely controls a single
LED.
8-character displays have two ICs
that are cascaded. The Data Out
line of the first IC is internally
connected to the Data In line of
the second IC forming a 320-bit
Dot Register. The display’s other
control and power lines are
connected directly to both ICs. In
16-character displays, each row
functions as an independent
8-character display with its own
320-bit Dot Register.
LEDs. Data is loaded into the Dot
Register according to the
procedure shown in Table 1 and
the Write Cycle Timing Diagram.
First RS is brought low, then CE
is brought low. Next, each
successive rising CLK edge will
shift in the data at the D
IN pin.
Loading a logic high will turn the
corresponding LED on; a logic
low turns the LED off. When all
160 bits have been loaded (or 320
bits in an 8-digit display), CE is
brought to logic high.
When CLK is next brought to
logic low, new data is latched into
the display dot drivers. Loading
data into the Dot Register takes
place while the previous data is
displayed and eliminates the need
to blank the display while loading
data.
Pixel Map
In a 4-character display, the
160-bits are arranged as 20
Table 1. Register Truth Table
Function
CLK
CE
RS
Select Dot Register
Not Rising
L
Load Dot Register
DIN = HIGH LED = "ON"
LX
DIN = LOW
LED = "OFF"
Copy Data from Dot Register to Dot Latch
L
H
X
Select Control Register
Not Rising
H
Load Control Register[1][3]
LX
Latch Data to Control Word[2]
L
X
Notes:
1. BIT D0 of Control Word 1 must have been previously set to Low for serial mode or High for simultaneous mode.
2. Selection of Control Word 1 or Control Word 0 is set by D7 of the Control Shift Register. The unselected control word retains its
previous value.
3. Control Word data is loaded Most Significant Bit (D7) first.


Similar Part No. - HCMS-2965

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2965 AVAGO-HCMS-2965 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2965 HP-HCMS-2965 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2965 AVAGO-HCMS-2965 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2965 BOARDCOM-HCMS-2965 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2965

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com