Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64162A Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM64162A
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64162A Datasheet(HTML) 2 Page - OKI electronic componets

  MSM64162A Datasheet HTML 1Page - OKI electronic componets MSM64162A Datasheet HTML 2Page - OKI electronic componets MSM64162A Datasheet HTML 3Page - OKI electronic componets MSM64162A Datasheet HTML 4Page - OKI electronic componets MSM64162A Datasheet HTML 5Page - OKI electronic componets MSM64162A Datasheet HTML 6Page - OKI electronic componets MSM64162A Datasheet HTML 7Page - OKI electronic componets MSM64162A Datasheet HTML 8Page - OKI electronic componets MSM64162A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2/40
¡ Semiconductor
MSM64162A
• I/O port
Input-output port
:
2 ports ¥ 4 bits
Input port
:
1 port ¥ 4 bits
Output port
:
1 port ¥ 4 bits
(8 out of the 24 LCD driver outputs can be used
as output-only ports by mask option.)
• Interrupt sources
External interrupt
:
2 sources
Internal interrupt
:
7 sources
• Battery check circuit
:
1 (incorporated into the input-only port)
• Package:
80-pin plastic QFP (QFP80-P-1420-0.80-BK) : (Product name : MSM64162A-¥¥¥GS-BK)
Chip
: (Product name : MSM64162A-¥¥¥)
¥¥¥ indicates a code number.


Similar Part No. - MSM64162A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XX OKI-MSM64162D-XX Datasheet
301Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XXGS-BK OKI-MSM64162D-XXGS-BK Datasheet
301Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D-XXGS-BK-F OKI-MSM64162D-XXGS-BK-F Datasheet
301Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results

Similar Description - MSM64162A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64164C OKI-MSM64164C Datasheet
299Kb / 41P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162D OKI-MSM64162D Datasheet
301Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64162 OKI-MSM64162 Datasheet
312Kb / 39P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
ML64P168 OKI-ML64P168 Datasheet
304Kb / 51P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
MSM64167E OKI-MSM64167E Datasheet
268Kb / 31P
   4-Bit Microcontroller with Built-in Dual-Slope Type A/D Converter and LCD Driver
MSM64169 OKI-MSM64169 Datasheet
163Kb / 25P
   Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
ML63611A OKI-ML63611A Datasheet
306Kb / 49P
   4-Bit Microcontroller that Operates under Ultra-Low Supply Current, with RC Oscillation Type A/D Converter Built-In
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com