Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-2904 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCMS-2904
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2904 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCMS-2904 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Performance CMOS 5 x 7
Alphanumeric Displays
Technical Data
HCMS-29xx Series
Features
• Easy to Use
• Interfaces Directly with
Microprocessors
• 0.15" Character Height in 4,
8, and 16 (2x8) Character
Packages
• 0.20" Character Height in 4
and 8 Character Packages
• Rugged X- and Y-Stackable
Package
• Serial Input
• Convenient Brightness
Controls
• Wave Solderable
• Offered in Five Colors
• Low Power CMOS
Technology
• TTL Compatible
Applications
• Telecommunications
Equipment
• Portable Data Entry Devices
• Computer Peripherals
• Medical Equipment
• Test Equipment
• Business Machines
• Avionics
• Industrial Controls
Device Selection Guide
AlGaAs
HER
Orange
Yellow
Green
Package
Description
HCMS-
HCMS-
HCMS-
HCMS-
HCMS-
Drawing
1 x 4 0.15" Character
2905
2902
2904
2901
2903
A
1 x 8 0.15" Character
2915
2912
2914
2911
2913
B
2 x 8 0.15" Character
2925
2922
2924
2921
2923
C
1 x 4 0.20" Character
2965
2962
2964
2961
2963
D
1 x 8 0.20" Character
2975
2972
2974
2971
2973
E
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED TO
AVOID STATIC DISCHARGE.
Description
The HCMS-29xx series are high
performance, easy to use dot
matrix displays driven by on-board
CMOS ICs. Each display can be
directly interfaced with a
microprocessor, thus eliminating
the need for cumbersome interface
components. The serial IC
interface allows higher character
count information displays with a
minimum of data lines. A variety of
colors, font heights, and character
counts gives designers a wide
range of product choices for their
specific applications and the easy
to read 5 x 7 pixel format allows
the display of uppercase, lower
case, Katakana, and custom user-
defined characters. These displays
are stackable in the x- and y-
directions, making them ideal for
high character count displays.


Similar Part No. - HCMS-2904

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2904 AVAGO-HCMS-2904 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2904 HP-HCMS-2904 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2904 AVAGO-HCMS-2904 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2904 BOARDCOM-HCMS-2904 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2904

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com