Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C16257-60T Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC41C16257-60T
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16257-60T Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC41C16257-60T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C16257-60T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IC41C16257/IC41C16257S
IC41LV16257/IC41LV16257S
2
Integrated Circuit Solution Inc.
DR021-0A 08/11/2001
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
FEATURES
• Fast access and cycle time
• TTL compatible inputs and outputs
• Refresh Interval: 512 cycles/8 ms
• Refresh Mode:
RAS-Only, CAS-before-RAS
(CBR), Hidden
• Self Refresh Mode: 512 cycles/64 ms (S version
only)
• JEDEC standard pinout
• Single power supply:
— 5V ± 10% (IC41C16257)
— 3.3V ± 10% (IC41LV16257)
• Byte Write and Byte Read operation via
two
CAS
• Available in 40-pin SOJ and TSOP-2
DESCRIPTION
The
ICSI IC41C16257 and the IC41LV16257 are 262,144
x 16-bit high-performance CMOS Dynamic Random Access
Memory. Fast Page Mode allows 512 random accesses
within a single row with access cycle time as short as 12 ns
per 16-bit word. The Byte Write control, of upper and lower
byte, makes these devices ideal for use in 16-, 32-bit wide
data bus systems.
These features make the IC41C16257 and the IC41LV16257
ideally suited for high band-width graphics, digital signal
processing, high-performance computing systems, and
peripheral applications.
The IC41C16257 and the IC41LV16257 are packaged in a
40-pin, 400mil SOJ and TSOP-2.
256K x 16 (4-MBIT) DYNAMIC RAM
WITH FAST PAGE MODE
PIN DESCRIPTIONS
A0-A8
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
UCAS
Upper Column Address
Strobe
LCAS
Lower Column Address
Strobe
Vcc
Power
GND
Ground
NC
No Connection
40-Pin SOJ
PIN CONFIGURATIONS
40-Pin TSOP-2
KEY TIMING PARAMETERS
Parameter
-35
-50
-60
Unit
Max.
RAS Access Time (tRAC)35
50
60
ns
Max.
CAS Access Time (tCAC)10
14
15
ns
Max. Column Address Access Time (tAA)18
25
30
ns
Min. Fast Page Mode Cycle Time (tPC)12
20
25
ns
Min. Read/Write Cycle Time (tRC)
60
90
110
ns


Similar Part No. - IC41C16257-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25K ICSI-IC41C16256-25K Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25KG ICSI-IC41C16256-25KG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25KI ICSI-IC41C16256-25KI Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25KIG ICSI-IC41C16256-25KIG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41C16257-60T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com