Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM64172 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM64172
Description  4-Bit Microcontroller with Built-in Serial Port and LCD Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64172 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM64172 Datasheet HTML 5Page - OKI electronic componets MSM64172 Datasheet HTML 6Page - OKI electronic componets MSM64172 Datasheet HTML 7Page - OKI electronic componets MSM64172 Datasheet HTML 8Page - OKI electronic componets MSM64172 Datasheet HTML 9Page - OKI electronic componets MSM64172 Datasheet HTML 10Page - OKI electronic componets MSM64172 Datasheet HTML 11Page - OKI electronic componets MSM64172 Datasheet HTML 12Page - OKI electronic componets MSM64172 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/29
¡ Semiconductor
MSM64172
ELECTRICAL CHARACTERISTICS (1.5 V Spec.)
DC Characteristics
Notes: 1. "POR" denotes Power On Reset.
2. "TSTOP" indicates that if the crystal oscillator stops over the value of TSTOP, the
system reset occurs.
Parameter
+100%
–10%
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
Circuit
VSS2 Voltage
VSS2
Ca, Cb, C12 = 0.2 mF
–3.2
–3.0
–2.7
V
VSS3 Voltage
VSS3
Ca, Cb, C12 = 0.2 mF
–4.7
–4.5
–4.1
V
VSSL Voltage
VSSL
–1.9
–1.3
–0.6
V
Crystal Oscillation
Start Voltage
VSTA
Oscillation start time:
within 5 seconds
–0.9
V
Crystal Oscillation
Hold Voltage
VHOLD
–0.9
V
Crystal Oscillation
Stop Detection Time
TSTOP
0.1
1000
ms
Internal Crystal
Oscillator Capacitance
CG
121520
pF
External Crystal
Oscillator Capacitance
CGEX
When external CG used
12
30
pF
Internal Crystal
Oscillator Capacitance
CD
121520
pF
POR Generation
Voltage
VPOR1
When VSS1 is between VPOR1
and –1.5 V
–0.4
0
V
POR Non-generation
Voltage
VPOR2
No POR when VSS1 is between
VPOR2 and –1.5 V
–1.5
–1.2
V
+100%
–10%
1
(VDD = 0 V, VSS1 = VSS = –1.5 V, Ta = –10 to +65°C unless otherwise specified)
Supply Current 1
IDD1
—3
5
m
A
Supply Current 2
IDD2
—815
m
A
Supply Current 3
IDD3
Serial transfer,
fSCK = 300 kHz,
CPU in operating
state
—1025
m
A
CPU in operating
state
CPU in halt state
Ta = –10 to +30°C
Ta = +30 to +65°C
Ta = –10 to +30°C
Ta = +30 to +65°C
Ta = –10 to +30°C
Ta = +30 to +65°C
—320
m
A
—825
m
A
—1040
m
A


Similar Part No. - MSM64172

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
   High speed and Simple 4-Bit Microcontroller
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64152AL OKI-MSM64152AL Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153AL OKI-MSM64153AL Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
More results

Similar Description - MSM64172

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6351 OKI-MSM6351 Datasheet
205Kb / 17P
   Built-in 8 or 5 bit Serial Port and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64481 OKI-MSM64481 Datasheet
131Kb / 12P
   Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
MSM6502B OKI-MSM6502B Datasheet
143Kb / 12P
   Low-power and Built-in LCD Driver 4-Bit Microcontroller
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com