Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470T3354CZ0-CE7 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M470T3354CZ0-CE7
Description  DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T3354CZ0-CE7 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M470T3354CZ0-CE7 Datasheet HTML 2Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 3Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 4Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 5Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 6Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 7Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 8Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 9Page - Samsung semiconductor M470T3354CZ0-CE7 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered SODIMMs
DDR2 SDRAM
Functional Block Diagram: 256MB, 32Mx64 Module(Populated as 1 rank of x16 DDR2 SDRAMs)
M470T3354CZ3/M470T3354CZ0
S0
DQS1
DQS1
DM1
CS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D0
LDQS
LDQS
LDM
DQS0
DQS0
DM0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
DQS5
DQS5
DM5
CS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
LDQS
LDQS
LDM
DQS4
DQS4
DM4
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
DQS3
DQS3
DM3
CS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D1
LDQS
LDQS
LDM
DQS2
DQS2
DM2
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
DQS7
DQS7
DM7
CS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
LDQS
LDQS
LDM
DQS6
DQS6
DM6
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
UDQS
UDQS
UDM
O
D
T
C
K
E
O
D
T
C
K
E
O
D
T
C
K
E
O
D
T
C
K
E
ODT0
CKE0
SPD
SA0
SCL
SDA
VSS
DDR2 SDRAMs D0 - D3, SPD
VREF
DDR2 SDRAMs D0 - D3
DDR2 SDRAMs D0 - D3, VDD and VDDQ
VDD
VDDSPD
Serial PD
WP
SA1
SCL
A0
A1
A2
A0 - A13
DDR2 SDRAMs D0 - D3
RAS
DDR2 SDRAMs D0 - D3
CAS
DDR2 SDRAMs D0 - D3
WE
DDR2 SDRAMs D0 - D3
BA0 - BA1
DDR2 SDRAMs D0 - D3
3
Notes :
1. DQ,DM, DQS/DQS resistors : 22 Ohms
± 5%.
2. BAx, Ax, RAS, CAS, WE resistors : 3.0 Ohms
± 5%.
* Wire per Clock Loading
Table/Wiring Diagrams
* Clock Wiring
Clock Input
DDR2 SDRAMs
*CK0/CK0
*CK1/CK1
2 DDR2 SDRAMs
2 DDR2 SDRAMs
3
Ω + 5%


Similar Part No. - M470T3354CZ0-CE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T3354CZ0-CC SAMSUNG-M470T3354CZ0-CC Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M470T3354CZ0-CD6 SAMSUNG-M470T3354CZ0-CD6 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
More results

Similar Description - M470T3354CZ0-CE7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2953BY0 SAMSUNG-M470T2953BY0 Datasheet
328Kb / 19P
   200pin Unbuffered SODIMM based on 512Mb B-die 64bit Non-ECC
M470T6464AZ3 SAMSUNG-M470T6464AZ3 Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
M470L6423EN SAMSUNG-M470L6423EN Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
logo
List of Unclassifed Man...
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Samsung semiconductor
M470L6423CK0 SAMSUNG-M470L6423CK0 Datasheet
116Kb / 14P
   512MB DDR SDRAM MODULE (64Mx64 based on DDP 64Mx 8 DDR SDRAM) 200pin SODIMM 64bit Non-ECC/Parity
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com