Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KN4L4L Datasheet(PDF) 8 Page - NEC

Part # KN4L4L
Description  RESISTOR BUILT-IN TYPE PNP TRANSISTOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

KN4L4L Datasheet(HTML) 8 Page - NEC

Back Button KN4L4L Datasheet HTML 4Page - NEC KN4L4L Datasheet HTML 5Page - NEC KN4L4L Datasheet HTML 6Page - NEC KN4L4L Datasheet HTML 7Page - NEC KN4L4L Datasheet HTML 8Page - NEC KN4L4L Datasheet HTML 9Page - NEC KN4L4L Datasheet HTML 10Page - NEC KN4L4L Datasheet HTML 11Page - NEC KN4L4L Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Data Sheet D16489EJ3V0DS
8
KN4xxx
[KN4L3N]
TYPICAL CHARACTERISTICS (TA = 25°C)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR TO EMITTER VOLTAGE vs.
COLLECTOR CURRENT
0
−2
−4
−6
−8
−10
−50
−40
−30
−20
−10
0
−380
−330
−280
−230
−180
−130
−80
IB =
−430 A
µ
VCE - Collector to Emitter Voltage - V
0
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
0
- 20
- 40
- 60
- 80
- 100
VIN = 5.0 V
10.0 V
15.0 V
IC - Collector Current - mA
DC CURRENT GAIN vs. COLLECTOR CURRENT
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
1
10
100
1000
- 1
- 10
- 100
VCE =
−5.0 V
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
- 0.01
- 0.1
- 1
- 1
- 10
- 100
IC = 10・IB
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
INPUT VOLTAGE vs. COLLECTOR CURRENT
COLLECTOR CURRENT vs. INPUT VOLTAGE
- 0.1
- 1
- 10
- 100
- 1
- 10
- 100
VCE =
−0.2 V
TA =
−25°C
25°C
75°C
IC - Collector Current - mA
- 1
- 10
- 100
- 1000
- 0.4
- 0.6
- 0.8
- 1
- 1.2
VCE =
−5.0 V
25°C
−25°C
TA = 75°C
VIN - Input Voltage - V
RESISTOR vs. AMBIENT TEMPERATURE
0
4
8
12
16
20
-25
0
25
50
75
100
R2
R1
TA - Ambient Temperature - °C


Similar Part No. - KN4L4L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
KN4L4L RENESAS-KN4L4L Datasheet
473Kb / 24P
   SILICON TRANSISTOR
2002
More results

Similar Description - KN4L4L

ManufacturerPart #DatasheetDescription
logo
NEC
FN4F4M NEC-FN4F4M Datasheet
327Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
GN4A4Z NEC-GN4A4Z Datasheet
322Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
logo
Unisonic Technologies
DTA115T UTC-DTA115T Datasheet
69Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTA144T UTC-DTA144T Datasheet
107Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTA124T UTC-DTA124T Datasheet
90Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
logo
NEC
GN1L4L NEC-GN1L4L Datasheet
172Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L4M NEC-GN1L4M Datasheet
186Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3Z NEC-GN1L3Z Datasheet
199Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1A4M NEC-GN1A4M Datasheet
181Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
GN1L3M NEC-GN1L3M Datasheet
168Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE PNP TRANSISTOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com