Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8366 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC56F8366
Description  16-bit Digital Signal Controllers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8366 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC56F8366 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8366 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 184 page
background image
56F8366/56F8166 Features
56F8366 Technical Data, Rev. 2.0
Freescale Semiconductor
5
Preliminary
Part 1 Overview
1.1 56F8366/56F8166 Features
1.1.1
Core
Efficient 16-bit 56800E family controller engine with dual Harvard architecture
Up to 60 Million Instructions Per Second (MIPS) at 60MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
Four 36-bit accumulators, including extension bits
Arithmetic and logic multi-bit shifter
Parallel instruction set with unique DSP addressing modes
Hardware DO and REP loops
Three internal address buses
Four internal data buses
Instruction set supports both DSP and controller functions
Controller-style addressing modes and instructions for compact code
Efficient C compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/EOnCE debug programming interface
1.1.2
Differences Between Devices
Table 1-1 outlines the key differences between the 56F8366 and 56F8166 devices.
Table 1-1 Device Differences
Feature
56F8366
56F8166
Guaranteed Speed
60MHz/60 MIPS
40MHz/40 MIPS
Program RAM
4KB
Not Available
Data Flash
8KB
Not Available
PWM
2 x 6
1 x 6
CAN
2
Not Available
Quad Timer
4
2
Quadrature Decoder
2 x 4
1 x 4
Temperature Sensor
1
Not Available
Dedicated GPIO
5


Similar Part No. - MC56F8366

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8366 FREESCALE-MC56F8366 Datasheet
2Mb / 184P
   16-bit Digital Signal Controllers
MC56F8366 FREESCALE-MC56F8366 Datasheet
1Mb / 182P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
MC56F83663VLH NXP-MC56F83663VLH Datasheet
1Mb / 60P
   This family of digital signal controllers (DSCs) is based on the 32-bit 56800EX core.
Rev. 1.6, 09/2019
MC56F83663VLH NXP-MC56F83663VLH Datasheet
2Mb / 2P
   MC56F83xxx DSC FAMILY
logo
Freescale Semiconductor...
MC56F8366MFV60 FREESCALE-MC56F8366MFV60 Datasheet
2Mb / 184P
   16-bit Digital Signal Controllers
More results

Similar Description - MC56F8366

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com