Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616-8BI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS61LV25616-8BI
Description  256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV25616-8BI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61LV25616-8BI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV25616-8BI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IS61LV25616
4
Integrated Circuit Solution Inc.
SR040-0C
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
Notes:
1. The Vcc operating range for 8 ns is 3.3V +10%, -5%.
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8
-10
-12
-15
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
8
—
10
—
12
—
15
—
ns
tAA
Address Access Time
—
8
—
10
—
12
—
15
ns
tOHA
Output Hold Time
3
—
3
—
3
—
3
—
ns
tACE
CE Access Time
—
8
—
10
—
12
—
15
ns
tDOE
OE Access Time
—
4
—
5
—
6
—
7
ns
tHZOE  OE to High-Z Output
0
4
—
5
—
6
0
6
ns
tLZOE  OE to Low-Z Output
0
—
0
—
0
—
0
—
ns
tHZCE CE to High-Z Output
0
4
0
5
0
6
0
6
ns
tLZCE  CE to Low-Z Output
3
—
3
—
3
—
3
—
ns
tBA
LB, UB Access Time
—
4
—
5
—
6
—
7
ns
tHZB
LB, UB to High-Z Output
0
4
0
5
0
6
0
6
ns
tLZB
LB, UB to Low-Z Output
0
—
0
—
0
—
0
—
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of
0 to 3.0V and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST LOADS
Figure 1
Figure 2
319
30 pF
Including
jig and
scope
353
OUTPUT
3.3V
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V


Similar Part No. - IS61LV25616-8BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616-8BI ISSI-IS61LV25616-8BI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-8BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com