Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9452602MPA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # 5962-9452602MPA
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

5962-9452602MPA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  5962-9452602MPA Datasheet HTML 1Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 2Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 3Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 4Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 5Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 6Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 7Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 8Page - National Semiconductor (TI) 5962-9452602MPA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MNLM193A-X REV 1B3
MICROCIRCUIT DATA SHEET
(Continued)
Note 5:
This input current will only exist when the voltage at any of the input leads is
driven negative. It is due to the collector-base junction of the input PNP
transistors becoming forward biased and thereby acting as input diode clamps. In
addition to this diode action, there is also lateral NPN parasitic transistor action
on the IC chip. This transistor action can cause the output voltages of the
comparators to go to the V+ voltage level (or to ground for a large overdrive) for
the time duration that an input is driven negative. This is not destructive and
normal output states will re-establish when the input voltage, which was negative,
again returns to a value greater than -0.3Vdc.
Note 6:
Positive excursions of input voltage may exceed the power supply level. As long as
the other voltage remains within the common-mode range, the comparator will provide a
proper output state. The low input voltage state must not be less than -0.3Vdc (or
0.3Vdc below the magnitude of the negative power supply, if used).
Note 7:
Human body model, 1.5K Ohms in series with 100pF.
4


Similar Part No. - 5962-9452602MPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9452602MPA TI1-5962-9452602MPA Datasheet
637Kb / 22P
[Old version datasheet]   Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - 5962-9452602MPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com