Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV25616-15BI Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS61LV25616-15BI
Description  256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV25616-15BI Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS61LV25616-15BI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS61LV25616-15BI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated Circuit Solution Inc.
1
SR040-0C
FEATURES
• High-speed access time: 8, 10, 12, and 15 ns
• CMOS low power operation
• TTL compatible interface levels
• Single 3.3V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
IS61LV25616
256K x 16 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM WITH 3.3V SUPPLY
DESCRIPTION
The
1+51 IS61LV25616 is a high-speed, 4,194,304-bit static
RAM organized as 262,144 words by 16 bits. It is fabricated
using
1+51's high-performance CMOS technology. This highly
reliable process coupled with innovative circuit design
techniques, yields high-performance and low power consump-
tion devices.
When CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down with
CMOS input levels.
Easy memory expansion is provided by using Chip Enable and
Output Enable inputs, CE and OE. The active LOW Write
Enable (WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (UB) and Lower Byte (LB)
access.
The IS61LV25616 is packaged in the JEDEC standard
44-pin 400mil SOJ, 44 pin 400mil TSOP-2 and 48-pin 6*8 TF-
BGA.
FUNCTIONAL BLOCK DIAGRAM
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
A0-A17
CE
OE
WE
256K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Similar Part No. - IS61LV25616-15BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616-15BI ISSI-IS61LV25616-15BI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616-15BI ISSI-IS61LV25616-15BI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-15BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL-20TLI ISSI-IS61WV102416ALL-20TLI Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL Datasheet
127Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL_0610 ISSI-IS61WV102416ALL_0610 Datasheet
131Kb / 21P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV51216ALL ISSI-IS61WV51216ALL Datasheet
204Kb / 20P
   512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV102416ALL ISSI-IS61WV102416ALL_12 Datasheet
323Kb / 20P
   1M x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com