Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3514 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3514
Description  PC POWER-SUPPLY SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3514 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3514 Datasheet HTML 1Page - Texas Instruments TPS3514 Datasheet HTML 2Page - Texas Instruments TPS3514 Datasheet HTML 3Page - Texas Instruments TPS3514 Datasheet HTML 4Page - Texas Instruments TPS3514 Datasheet HTML 5Page - Texas Instruments TPS3514 Datasheet HTML 6Page - Texas Instruments TPS3514 Datasheet HTML 7Page - Texas Instruments TPS3514 Datasheet HTML 8Page - Texas Instruments TPS3514 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TPS3514
SLVS422A – JULY 2003
PC POWER-SUPPLY SUPERVISORS
FEATURES
D OVER-VOLTAGE PROTECTION AND LOCKOUT: 12V,
5V, and 3.3V Supplies
D OVER-CURRENT PROTECTION AND LOCKOUT:
12V, 5V, and 3.3V Supplies
D UNDER-VOLTAGE PROTECTION AND
LOCKOUT: 12V Supplies
D UNDER-VOLTAGE DETECT: 5V and 3.3V Supplies
D FAULT-PROTECTION OUTPUT WITH
OPEN–DRAIN OUTPUT STAGE
D OPEN-DRAIN, POWER-GOOD OUTPUT SIGNAL:
Monitors Power–Good Signal Input 3.3V and 5V
Supplies
D 300ms POWER-GOOD DELAY
D 75ms DELAY: 5V, 3.3V Power-Supply Short-Circuit
Turn-On Protection
D 2.3ms PSON CONTROL TO FPO TURN–OFF DELAY
D 38ms PSON CONTROL DEBOUNCE
D WIDE SUPPLY VOLTAGE RANGE: 4.5V to 15V
DESCRIPTION
The TPS3514 is a PC switching power-supply system monitor
with minimum external components. It provides under-voltage
lockout
(UVLO),
over-voltage
(OV),
under-voltage
(UV),
over-current (OC), protection circuits, power-good indicator, and
on/off control.
UVLO thresholds are 4.45V (on) and 3.65V (off). Over-current
protection (OCP) and over-voltage protection (OVP) monitor 3.3V,
5V, and 12V supplies. When an OC or OV condition is detected,
the power–good output (PGO) is asserted LOW and the fault
protection output (FPO) is latched HIGH. PSON from
LOW-to-HIGH resets the latch. The OCP function will be enabled
75ms after PSON goes LOW with PGI HIGH and a debounce of
typically 38ms. A built-in 2.3ms delay with 38ms debounce from
PSON to FPO output is enabled at turn–off.
An external resistor is connected between the RI pin and the GND
pin. This will program a precise I(REF) for OCP function. The
programmable I(REF) range is from 12.5µA to 62.5µA. Three OCP
comparators and the I(REF) section are supplied by VS12. The
current draw from the VS12 pin is less than 1mA.
The power–good feature monitors PGI, the 3.3V and 5V supplies,
and issues a power–good signal when the output is ready.
The TPS3514 is characterized for operation from –40
°C to 85°C.
The TPS3514 is available in DIP-14 and SO-14 packages.
PGI
GND
FPO
PSON
IS12
RI
NC
PGO
VDD
VS5
VS33
VS12
IS33
IS5
5V
3.3V
12V
TPS3514
560
56k
R2Ω
R1Ω
470k
1k
820
1.5k
0.01
0.01
0.01
IO
5V VSB
12V
5V
3.3V
5V VSB
PG
From Transformer
System Side
Power Supply
Output Side
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002–2003, Texas Instruments Incorporated


Similar Part No. - TPS3514

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI1-TPS3510 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI-TPS3510D Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI1-TPS3510D Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DG4 TI1-TPS3510DG4 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3514

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com