Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60241 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60241
Description  170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60241 Datasheet(HTML) 2 Page - Texas Instruments

  TPS60241 Datasheet HTML 1Page - Texas Instruments TPS60241 Datasheet HTML 2Page - Texas Instruments TPS60241 Datasheet HTML 3Page - Texas Instruments TPS60241 Datasheet HTML 4Page - Texas Instruments TPS60241 Datasheet HTML 5Page - Texas Instruments TPS60241 Datasheet HTML 6Page - Texas Instruments TPS60241 Datasheet HTML 7Page - Texas Instruments TPS60241 Datasheet HTML 8Page - Texas Instruments TPS60241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPS60240, TPS60241
TPS60242, TPS60243
SLVS372B – JUNE 2001 – REVISED JANUARY 2002
2
www.ti.com
description(continued)
The devices are thermally protected and current-limited for reliable operation even under persisting fault
conditions. Normal quiescent current (ground pin current) is only 250
µA, and typically 0.1 µA in shutdown mode.
The TPS6024x devices come in a thin, 8-pin MSOP (DGK) package with a component height of only 1,1 mm.
C2+
C1+
VIN
C1–
8
7
6
5
1
2
3
4
VOUT
EN
C2–
GND
DGK PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
TA
PART NUMBER†
PACKAGE
MARKING
PACKAGE
OUTPUT VOLTAGE
(V)
– 40
°C to 85°C
TPS60241DGKR
AUB
DGK (8-pin MSOP)
5 V
TPS60240DGKR
ATM
DGK (8-pin MSOP)
3.3 V
– 40
°C to 85°C
TPS60242DGKR
AYF
DGK (8-pin MSOP)
2.7 V
40 C to 85 C
TPS60243DGKR
AYG
DGK (8-pin MSOP)
3 V
† This package type is available taped and reeled only. Quantity is 2500 units per reel (e.g., TPS60241DGKR).
The devices are also available on mini reel with 250 units per reel. To order this packaging option, replace the
R with a T in the part number (e.g., TPS60261DGKT).


Similar Part No. - TPS60241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60241 TI-TPS60241 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60241 TI1-TPS60241 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60241DGKR TI1-TPS60241DGKR Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60241DGKRG4 TI1-TPS60241DGKRG4 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60241DGKT TI1-TPS60241DGKT Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
More results

Similar Description - TPS60241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com