Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE88LC05RI028 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XE88LC05RI028
Description  16 10 bit Data Acquisition Ultra Low-Power Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE88LC05RI028 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XE88LC05RI028 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE88LC05RI028 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Data Acquisition Microcontroller
XE88LC05
5
D0109-40
3 Electrical Characteristics
All specification are -40°C to 85°C unless otherwise noted. ROM operates up to 125°C.
Note:
1) Power supply: 2.4 V - 5.5 V, temperature is 27°C.
2) Temperature < 85°C, < 10 erase cycles.
3) Output not loaded.
4) Current requirement can be divided by a factor of 2 or 4 by reducing the speed accordingly.
5) More cycles possible during development, with restraint retention
Operation conditions
min
typ
max
Unit
Remarks
Power supply
ROM version
2.4
5.5
V
MTP version
2.4
5.5
V
Operating speed
2.4 V to 5.5 V
0.032
2
MHz
Instruction cycle
any instruction
500
ns
7
Current requirement
CPU running
at 1 MIPS
310
uA
1
CPU running
at 32 kHz
on Xtal,
RC off
10
uA
1
CPU halt,
timer on Xtal,
RC off
1uA
1
CPU halt,
timer on Xtal,
RC ready
1.7
uA
1
CPU halt,
Xtal off
timer on RC
at 100 kHz
1.4
uA
1
Current requirement
CPU halt,
ADC 16 bits
at 4 kHz
190
uA
4,6
CPU halt,
ADC 12 bits
at 4 kHz,
PGA gain 100
460
uA
4,6
CPU at 1 MIPS,
ADC 12 bits and DAC
10 bits
at 4 kHz
670
uA
3,4,6
CPU at 1 MIPS,
ADC 12 bits and DAC
10 bits
at 4 kHz,
PGA gain 10
790
uA
3,4,6
CPU at 1 MIPS,
ADC 12 bits and DAC
10 bits
at 4 kHz,
PGA gain 100
940
uA
3,4,6
CPU at 1 MIPS,
ADC 12 bits and DAC
10 bits
at 4 kHz,
PGA gain 1000
1100
uA
3,4,6
Voltage level
detection
15
uA
MTP Flash
instruction memory
Prog. voltage
10.3
10.8
V
Erase time
0.2
1
s
8
Write/Erase cycles
10
100
5
Data retention
10
year
2
Table 3.1:
Specifications and current requirement of the XE88LC05


Similar Part No. - XE88LC05RI028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI000 ETC1-XE88LC01MI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI027 ETC1-XE88LC01MI027 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI032 ETC1-XE88LC01MI032 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01RI000 ETC1-XE88LC01RI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
More results

Similar Description - XE88LC05RI028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
Maxim Integrated Produc...
MAXQ7666 MAXIM-MAXQ7666 Datasheet
2Mb / 49P
   16-Bit, RISC, Microcontroller-Based, Smart Data-Acquisition System
Rev 0; 8/08
MAXQ7665A MAXIM-MAXQ7665A Datasheet
480Kb / 47P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
Rev 1; 10/08
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com