Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8131B Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8131B
Description  The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8131B Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8131B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SM8131B
NIPPON PRECISION CIRCUITS INC.—4
Electrical Characteristics
VIN = 3.6V, GND = 0V, Ta = 25°C unless otherwise noted
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Supply voltage range
VIN
VIN0
×1.0 mode, IOUT = 0mA
2.7
3.6
4.6
V
VIN
×1.5 mode, IOUT = 120mA
3.3
3.6
4.6
V
Standby current
VIN
ISTB
Power-save mode
0.01
1.00
µA
Quiescent current
VIN
IDD1
×1.0 mode, IOUT = 0mA
0.7
1.5
mA
IDD2
×1.5 mode, IOUT = 0mA
2.0
4.0
mA
Output voltage
VOUT
VOUT
×1.5 mode, IOUT = 120mA
4.0
4.2
4.4
V
Maximum output current
VOUT
IOUT
×1.5 mode
120
mA
Operating frequency
C1M
fOSC
×1.5 mode switching frequency
650
750
850
kHz
Internal power-ON reset time*1
*1. Design guaranteed value
EN
TPOR
Time from when power is applied
until internal circuits reset
0.05
1.0
ms
Soft start time
DIN1 to 6
TSS
EN startup
→ ILED rising edge
1.3
5.0
ms
LED drive pin leakage current
DIN1 to 6
Ileak1 to 6
Power-save mode, DIN pin
= 4.2V
0.01
1.00
µA
LED drive current
DIN1 to 6
ILED1 to 6
×1.0 mode, RSET = 20kΩ
19.4
20.0
20.6
mA
LED drive current
setting resistance*1
ISET
RSET
RSET maximum value
50
k
Input signal frequency*1
EN1/2
fENIN
EN input pulse duty 50
%,
maximum signal input frequency
150
kHz
Input pulse width*1
EN1/2
TENH
Minimum EN pulse HIGH-level width
3.0
µs
TENL
Minimum EN pulse LOW-level width
3.0
µs
Hold time
EN1/2
TCEH
Time from when EN1
= EN2 = LOW
until LED drive circuit shutdown
1.17
1.37
1.63
ms
Input voltage
EN1/2,
SEL1/2
VIH
HIGH-level input voltage range
1.8
V
VIL
LOW-level input voltage range
0.6
V
Input current
EN1/2
IIH
Pull-down pin, EN pin
= 3.6V
5.0
10.0
µA


Similar Part No. - SM8131B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
   White LED Driver IC
More results

Similar Description - SM8131B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com