Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8131B Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8131B
Description  The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8131B Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8131B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SM8131B
NIPPON PRECISION CIRCUITS INC.—1
White LED Driver IC
OVERVIEW
The SM8131B is a charge pump DC/DC converter that switches between
×1 and ×1.5 automatically. The
SM8131B switches between
×1 and ×1.5 according to detected LED drive current, so that the battery life can
be prolonged to the fullest extent. Since the connected LED are all detected for the switching, the SM8131B
can respond to the variation of LED forward voltage. 6-channel of LED drive current control circuit is built-in,
the SM8131B can control 1 to 6 lights of white LED, which are connected in parallel. The LED drive current
per channel is set up by external resistor. Besides, by setting up SEL1/SEL2 pins, 6-channel of LED drive cur-
rent control circuit can be divided to 2-groups, and input signal controlling of EN1/EN2 pins allow ON/OFF
and dimming per group.
FEATURES
I
Battery life extension by automatic charge pump
switch between
×1 and ×1.5 according to the
detection of the LED drive current
I
Controlling 1 to 6 lights of white LED connected
in parallel
I
Set up LED drive current value by external resistor
(5k
Ω:5mA/ch, 15kΩ:15mA/ch, 20kΩ:20mA/ch)
I
Dividing 6-channel to 2-groups by setting up
SEL1/SEL2 pins (L/L
= 6:0ch, L/H = 5:1ch,
H/L
= 4:2ch, H/H = 3:3ch)
I
2-wire input controlling (1-wire input controlling
when SEL1/SEL2 pins are set to “LOW”)
I
ON/OFF and brightness control by input signal
controlling of EN1/EN2 pins
I
Supply voltage range
• No-load current (IOUT = 0mA): 2.7 to 4.6V
• Load current (IOUT = 120mA): 3.3 to 4.6V
I
Maximum output voltage: 4.2V (typ)
I
Maximum output current: 120mA (typ)
I
Quiescent current
• Not-switching (
×1 mode): 0.7mA (typ)
• Switching (
×1.5 mode): 2.0mA (typ)
I
Standby current (Power save mode): 0.01
µA (typ)
I
Operating frequency (
×1.5 mode): 750kHz (typ)
I
LED drive current accuracy (RSET
= 20kΩ)
:20mA
± 3%
I
Input signal frequency for dimming (Duty
= 50%)
:150kHz (max)
I
Package:20-pin QFN
APPLICATIONS
I
Cellular phone
I
PDA
I
Portable games
I
Handy terminal
I
Digital still camera
I
Digital video camera
I
LCD back light
I
White LED driving
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
ORDERING INFORMATION
Device
Package
SM8131B00B
20-pin QFN
12 345
15 14 13 12 11
10
9
8
7
6
16
17
18
19
20
VREG
C2P
C2M
PGND
C1M
EN1
DIN6
DIN5
DIN4
GND
4.20 ± 0.20
4.00 ± 0.10
1
0.50
0.60 ± 0.10
0.22 ± 0.05
0.05
0.05 M


Similar Part No. - SM8131B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
   White LED Driver IC
More results

Similar Description - SM8131B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com