Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD11SL Datasheet(PDF) 1 Page - NEC

Part # RD11SL
Description  ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD11SL Datasheet(HTML) 1 Page - NEC

  RD11SL Datasheet HTML 1Page - NEC RD11SL Datasheet HTML 2Page - NEC RD11SL Datasheet HTML 3Page - NEC RD11SL Datasheet HTML 4Page - NEC RD11SL Datasheet HTML 5Page - NEC RD11SL Datasheet HTML 6Page - NEC RD11SL Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZENER DIODES
RD4.7SL to RD39SL
DESCRIPTION
Type RD4.7SL to RD39SL Series are 2 PIN Super Mini
Mold Package zener diodes possessing an allowable power
dissipation of 200 mW featuring low noise and sharp break-
down characteristic. They are intended for use in audio
equipment, instrument equipment.
FEATURES
Low Noise
Sharp Breakdown characteristic.
Vz: Applied E24 standard.
APPLICATIONS
Circuits for Constant Voltage, Constant Current, Waveform
Clipper, Surge absorber, etc.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Power Dissipation
P
200 mW
Forward Current
IF
100 mA
Reverse Surge Power
PRSM
2.2W (at t=10
µs/1 pulse) Show fig. 8
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Document No. D11445EJ3V0DS00 (3rd edition)
Date Published April 2003 N CP(K)
Printed in Japan
ZENER DIODES
200 mW 2 PIN SUPER MINI MOLD
2.5±0.15
1.7±0.1
Cathode
Indication
(in millimeters)
PACKAGE DIMENSIONS
DATA SHEET
c
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.


Similar Part No. - RD11SL

ManufacturerPart #DatasheetDescription
logo
NEC
RD11S NEC-RD11S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
More results

Similar Description - RD11SL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com