Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3188JRUZ-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3188JRUZ-REEL
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188JRUZ-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADP3188JRUZ-REEL Datasheet HTML 1Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 2Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 3Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 4Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 5Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 6Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 7Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 8Page - Analog Devices ADP3188JRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADP3188
Rev. A | Page 3 of 28
SPECIFICATIONS
VCC = 12 V, FBRTN = GND, TA = 0°C to 85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Output Voltage Range2
VCOMP
0.7
3.1
V
Accuracy
VFB
Relative to nominal DAC output,
referenced to FBRTN,
CSSUM = CSCOMP, Figure 2
−9.5
+9.5
mV
Line Regulation
∆V
FB
VCC = 10 V to 14 V
0.05
%
Input Bias Current
IFB
14
15.5
17
µA
FBRTN Current
IFBRTN
100
140
µA
Output Current
IO(ERR)
FB forced to VOUT – 3%
500
µA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
CCOMP = 10 pF
25
V/
µs
VID INPUTS
Input Low Voltage
VIL(VID)
0.4
V
Input High Voltage
VIH(VID)
0.8
V
Input Current, Input Voltage Low
IIL(VID)
VID(X) = 0 V
−25
−35
µA
Input Current, Input Voltage High
IIH(VID)
VID(X) = 1.25 V
5
15
µA
Pull-Up Resistance
RVID
35
60
85
k
Internal Pull-Up Voltage
0.9
1.1
V
VID Transition Delay Time
2
VID code change to FB change
400
ns
No CPU Detection Turn-Off Delay
Time2
VID code change to 11111 to PWM
going low
400
ns
OSCILLATOR
Frequency Range
2
fOSC
0.25
4
MHz
Frequency Variation
fPHASE
TA = 25°C, RT = 250 k
Ω, 4-phase
155
200
245
kHz
TA = 25°C, RT = 115 k
Ω, 4-phase
400
kHz
TA = 25°C, RT = 75 k
Ω, 4-phase
600
kHz
Output Voltage
VRT
RT = 100 k
Ω to GND
1.9
2.0
2.1
V
RAMPADJ Output Voltage
VRAMPADJ
RAMPADJ – FB
−50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
0
100
µA
CURRENT-SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM – CSREF, Figure 3
−1.75
+1.75
mV
TA = 25°C to 85°C, CSSUM – CSREF,
Figure 3
−1.5
+1.5
mV
Input Bias Current
IBIAS(CSSUM)
−50
+50
nA
Gain Bandwidth Product
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/
µs
Input Common-Mode Range
CSSUM and CSREF
0
2.7
V
Positioning Accuracy
∆V
FB
Figure 4
−77
−80
−83
mV
Output Voltage Range
0.05
2.7
V
Output Current
ICSCOMP
500
µA
CURRENT-BALANCE CIRCUIT
Common-Mode Range
VSW(X)CM
−600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
20
30
40
k
Input Current
ISW(X)
SW(X) = 0 V
4
7
10
µA
Input Current Matching
∆I
SW(X)
SW(X) = 0 V
−5
+5
%


Similar Part No. - ADP3188JRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3188 AD-ADP3188 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
More results

Similar Description - ADP3188JRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com