Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM65344A Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM65344A
Description  8-Bit Microcontroller with A/D Converter (with LCD Driver)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65344A Datasheet(HTML) 4 Page - OKI electronic componets

  MSM65344A Datasheet HTML 1Page - OKI electronic componets MSM65344A Datasheet HTML 2Page - OKI electronic componets MSM65344A Datasheet HTML 3Page - OKI electronic componets MSM65344A Datasheet HTML 4Page - OKI electronic componets MSM65344A Datasheet HTML 5Page - OKI electronic componets MSM65344A Datasheet HTML 6Page - OKI electronic componets MSM65344A Datasheet HTML 7Page - OKI electronic componets MSM65344A Datasheet HTML 8Page - OKI electronic componets MSM65344A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
MSM65344A
¡ Semiconductor
PIN DESCRIPTION
Basic Function
Function
Pin
Type
Description
52
Digital supply voltage (5V)
63
Digital ground (0V)
25
Analog supply voltage (5V)
18
Analog ground (0V)
73
Bias output for LCD driver
74
Bias output for LCD driver
75
Bias output for LCD driver
76
Pins for connecting capacitors that generate bias
for the LCD driver.
Power Supply
62
Input
Oscillation input pin on the OSC side:
Connect to a quartz oscillator (ceramic resonator),
or input external clock.
61
Output
Oscillation output pin on the OSC side:
Connect to a quartz oscillator (ceramic resonator).
When external clock is input to the OSC0 pin, the
OSC1 pin should be kept open.
64
Input
System reset input:
When this pin is set to the "L" level, the internal
status is initialized to start execution of
instructions from address 0040H. The input is
pulled up to VDD with an internal pull-up resistor.
Oscillation
77
Control
Symbol
VDD
GND
AVDD
AGND
VDD1
VDD2
VDD3
C1
OSC0
OSC1
RESET
C2


Similar Part No. - MSM65344A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65352B OKI-MSM65352B Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
MSM65353A OKI-MSM65353A Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results

Similar Description - MSM65344A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65352 OKI-MSM65352 Datasheet
110Kb / 15P
   8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com