Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD36SL Datasheet(PDF) 5 Page - NEC

Part # RD36SL
Description  ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD36SL Datasheet(HTML) 5 Page - NEC

  RD36SL Datasheet HTML 1Page - NEC RD36SL Datasheet HTML 2Page - NEC RD36SL Datasheet HTML 3Page - NEC RD36SL Datasheet HTML 4Page - NEC RD36SL Datasheet HTML 5Page - NEC RD36SL Datasheet HTML 6Page - NEC RD36SL Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RD4.7SL to RD39SL
5
Data Sheet D11445EJ3V0DS
Fig. 4 ZENER CURRENT vs.
ZENER VOLTAGE
16
18
20
22
24
26
28
100 m
10 m
1 m
µ
100
µ
10
Vz - Zener Voltage – V
Fig.5 ZENER CURRENT vs.
ZENER VOLTAGE
36
38
40
42
28
30
32
34
44
100 m
10 m
1 m
µ
100
µ
10
Vz - Zener Voltage – V
0.08
0.06
0.04
0.02
0
– 0.02
– 0.04
32
24
16
8
0
– 8
– 16
4
8
12
16
20
24
28
32
36
40
mV/
°C
Vz – Zener Voltage – V
Fig. 6
ZENER VOLTAGE TEMPERATURE
COEFFICIENT vs. ZENER VOLTAGE
%/
°C


Similar Part No. - RD36SL

ManufacturerPart #DatasheetDescription
logo
NEC
RD36S NEC-RD36S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
More results

Similar Description - RD36SL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com