Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV21ADBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV21ADBR
Description  DUAL 4-INPIT POSITIVE-AND GATES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV21ADBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV21ADBR Datasheet HTML 4Page - Texas Instruments SN74LV21ADBR Datasheet HTML 5Page - Texas Instruments SN74LV21ADBR Datasheet HTML 6Page - Texas Instruments SN74LV21ADBR Datasheet HTML 7Page - Texas Instruments SN74LV21ADBR Datasheet HTML 8Page - Texas Instruments SN74LV21ADBR Datasheet HTML 9Page - Texas Instruments SN74LV21ADBR Datasheet HTML 10Page - Texas Instruments SN74LV21ADBR Datasheet HTML 11Page - Texas Instruments SN74LV21ADBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74LV21ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV21ADBR TI-SN74LV21ADBR Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
SN74LV21ADBR TI-SN74LV21ADBR Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74LV21ADBR TI-SN74LV21ADBR Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74LV21ADBR TI-SN74LV21ADBR Datasheet
506Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN74LV21ADBRE4 TI-SN74LV21ADBRE4 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
More results

Similar Description - SN74LV21ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV21A TI-SN74LV21A_07 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com