Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1521BF6VDC Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # WJ1521BF6VDC
Description  Switching capacity up to 10A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1521BF6VDC Datasheet(HTML) 3 Page - CIT Relay & Switch

  WJ1521BF6VDC Datasheet HTML 1Page - CIT Relay & Switch WJ1521BF6VDC Datasheet HTML 2Page - CIT Relay & Switch WJ1521BF6VDC Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
DIMENSIONS (Units = mm)
1 & 2 POLE
3 POLE
4 POLE
FLANGE MOUNT
TERMINATION OPTIONS
PC PINS
SOLDER TABS
SCHEMATICS & PC LAYOUTS (BOTTOM VIEWS)
WJ152
1C
2C
3C
4C


Similar Part No. - WJ1521BF6VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ151 CIT-WJ151 Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF12VDC CIT-WJ1511AF12VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF24VDC CIT-WJ1511AF24VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF36VDC CIT-WJ1511AF36VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF6VDC CIT-WJ1511AF6VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
More results

Similar Description - WJ1521BF6VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J105D CIT-J105D Datasheet
133Kb / 3P
   Switching capacity up to 10A
J097 CIT-J097 Datasheet
125Kb / 2P
   Switching capacity up to 10A
J152 CIT-J152 Datasheet
170Kb / 3P
   Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com