Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI350-4802ST Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCI350-4802ST
Description  350 Watt CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PCI350-4802ST Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCI350-4802ST Datasheet HTML 1Page - List of Unclassifed Manufacturers PCI350-4802ST Datasheet HTML 2Page - List of Unclassifed Manufacturers PCI350-4802ST Datasheet HTML 3Page - List of Unclassifed Manufacturers PCI350-4802ST Datasheet HTML 4Page - List of Unclassifed Manufacturers PCI350-4802ST Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• 350 Watts in 6U x 8HP (two slots) x 160mm
• Wide-range AC or 48 Volt DC input
• Standard PCI voltages: 5V, 3.3V, ±12V
• Four output-current options:
5V/40A
3.3V/25A 12V/9A -12V/2A
5V/50A
3.3V/25A 12V/9A -12V/2A
3.3V/50A 5V/20A
12V/9A -12V/2A
3.3V/60A 5V/20A
12V/9A -12V/2A
• Power factor correction (PFC)
• N+1 redundant and hot swap
• Internal OR-ing diodes
• Single-wire current sharing on
5V, 3.3V, +12V outputs
• Fully shielded
• IEEE1101.10 compliant front panels
• Ruggedized mechanical design
• Optional high-profile cooling fins
available on 48V input version
• UL, cUL approved
• CE mark
• EMC approved
• Two year warranty
www.tracewellpower.com
1.800.811.1480
phone
614.847.9336
fax
614.847.9316
567 Enterprise Drive
Westerville, Ohio 43081
PCI 350 AC input power supply shown
with optional low-profile handles
Description
The PCI 350 is a high-performance power supply
for use in 6U CompactPCI computer, test and telecom
systems. The PCI 350 meets all of the requirements
of the PICMG CompactPCI specification plus N+1
redundant and hot swap. High-density cooling fins
are positioned directly in the airstream. All input
and output connec tions are through the
backplane. LED status indicators are located on
the front panel.
350 Watt CompactPCI Power Supply
PCI 350
TracewellPower


Similar Part No. - PCI350-4802ST

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI30 ALLIED-PCI30 Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-100M-RC ALLIED-PCI30-100M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-101M-RC ALLIED-PCI30-101M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-150M-RC ALLIED-PCI30-150M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
PCI30-151M-RC ALLIED-PCI30-151M-RC Datasheet
610Kb / 1P
   Power Chip Inductors
More results

Similar Description - PCI350-4802ST

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
DNX350 CANDD-DNX350 Datasheet
448Kb / 4P
   350 WATT DC/DC POWER SUPPLY
NX350 CANDD-NX350 Datasheet
162Kb / 4P
   350 WATT DC/DC POWER SUPPLY
logo
TRACO Electronic AG
TXL350 TRACOPOWER-TXL350 Datasheet
369Kb / 4P
   AC/DC Enclosed Power Supply TXL 350 Series, 350 Watt
Rev. June 29, 2021
logo
Murata Power Solutions ...
CF350-A48C MURATA-PS-CF350-A48C Datasheet
126Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A24C MURATA-PS-CF350-A24C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
CF350-A12C MURATA-PS-CF350-A12C Datasheet
129Kb / 4P
   350 Watt High Density AC/DC Power Supply
logo
CINCON ELECTRONICS Corp...
CFM351M CINCON-CFM351M Datasheet
336Kb / 2P
   350 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
logo
Murata Manufacturing Co...
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Advantech Co., Ltd.
MIC-3956 ADVANTECH-MIC-3956 Datasheet
612Kb / 2P
   3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com