Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6542-01 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM6542-01
Description  REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6542-01 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM6542-01 Datasheet HTML 6Page - OKI electronic componets MSM6542-01 Datasheet HTML 7Page - OKI electronic componets MSM6542-01 Datasheet HTML 8Page - OKI electronic componets MSM6542-01 Datasheet HTML 9Page - OKI electronic componets MSM6542-01 Datasheet HTML 10Page - OKI electronic componets MSM6542-01 Datasheet HTML 11Page - OKI electronic componets MSM6542-01 Datasheet HTML 12Page - OKI electronic componets MSM6542-01 Datasheet HTML 13Page - OKI electronic componets MSM6542-01 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
¡ Semiconductor
MSM6542-01/02/03
77
CS1
A0 ~ A3
CS0
ALE
RD
D0 ~ D3
(Output)
VIH2
tAH
tAS
VIH1
VIL1
tAW
tRCV
tALR
tRAL
tRCV
tRD
tDR
VOH
VOL
VIH1 = 2.2V
VIL1 = 0.8V
5
4
5
1
tC1S
VIH2 =
VDD
VIL2 =
VDD
VOH = 2.2V
VOL = 0.8V
VIH2
VIH1
VIL1
tC1H
VIH1
VIH1
VIL1
VIH1
VIL1
VIH1
VIL1
VIH1
VIL1
"Z"
Rating
Symbol
Condition
Max.
Unit
CL = 150 pF
(VDD = 5V ±10%, Ta = –40 to +85°C (in the 80 mode for the MSM6542-01/03))
80-xxx
Read mode (ALE is used.)
120
45
Typ.
Min.
1000
25
25
40
10
20
10
1000
100
tC1S
tAS
tAH
tAW
tALR
tRAL
tRD
tDR
tC1H
tRCV
CS1 set-up time
Address set-up time
Address hold time
ALE pulse width
ALE before READ
ALE after READ
RD to data
Data hold
CS1 hold time
RD/WR recovery time
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns


Similar Part No. - MSM6542-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6544 OKI-MSM6544 Datasheet
108Kb / 12P
   42-DOT LCD DRIVER
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545-XXGS-2K OKI-MSM6545-XXGS-2K Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545-XXGS-K OKI-MSM6545-XXGS-K Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545L OKI-MSM6545L Datasheet
153Kb / 13P
   Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results

Similar Description - MSM6542-01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
   Serial Alarm Real-Time Clock
2019
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com