Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2165 Datasheet(PDF) 2 Page - NEC

Part # 2SD2165
Description  NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD2165 Datasheet(HTML) 2 Page - NEC

  2SD2165 Datasheet HTML 1Page - NEC 2SD2165 Datasheet HTML 2Page - NEC 2SD2165 Datasheet HTML 3Page - NEC 2SD2165 Datasheet HTML 4Page - NEC 2SD2165 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet D13178EJ3V0DS
2
2SD2165
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 60 V, IE = 0 A
10
µA
Emitter cutoff current
IEBO
VEB = 7.0 V, IC = 0 A
10
µA
DC current gain
hFE1
VCE = 5.0 V, IC = 1.0 A
Note
800
1,300
3,200
DC current gain
hFE2
VCE = 5.0 V, IC = 3.0 A
Note
500
1,000
Collector saturation voltage
VCE(sat)
IC = 3.0 A, IB = 30 mA
Note
0.3
1.0
V
Base saturation voltage
VBE(sat)
IC = 3.0 A, IB = 30 mA
Note
1.2
V
Gain bandwidth product
fT
VCE = 5.0 V, IC = 0.1 A
110
MHz
Collector capacitance
Cob
VCB = 10 V, IE = 0 A, f = 1.0 MHz
50
pF
Note Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE1 CLASSIFICATION
Marking
M
L
K
hFE1
800 to 1,600
1,000 to 2,000
1,600 to 3,200


Similar Part No. - 2SD2165

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD2165 ISC-2SD2165 Datasheet
194Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Renesas Technology Corp
2SD2165 RENESAS-2SD2165 Datasheet
240Kb / 7P
   SILICON POWER TRANSISTOR
2002
2SD2165 RENESAS-2SD2165_15 Datasheet
241Kb / 7P
   SILICON POWER TRANSISTOR
More results

Similar Description - 2SD2165

ManufacturerPart #DatasheetDescription
logo
NEC
2SD560 NEC-2SD560 Datasheet
90Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD2217 NEC-2SD2217 Datasheet
100Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD1843 NEC-2SD1843 Datasheet
76Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SD1695 NEC-2SD1695 Datasheet
104Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1430 NEC-2SB1430 Datasheet
115Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1431 NEC-2SB1431 Datasheet
132Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1432 NEC-2SB1432 Datasheet
106Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
Renesas Technology Corp
2SB1431 RENESAS-2SB1431_15 Datasheet
257Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
2SB1432 RENESAS-2SB1432_15 Datasheet
229Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
logo
NEC
2SB601 NEC-2SB601 Datasheet
110Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com