Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3402 Datasheet(PDF) 7 Page - NEC

Part # 2SK3402
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3402 Datasheet(HTML) 7 Page - NEC

  2SK3402 Datasheet HTML 1Page - NEC 2SK3402 Datasheet HTML 2Page - NEC 2SK3402 Datasheet HTML 3Page - NEC 2SK3402 Datasheet HTML 4Page - NEC 2SK3402 Datasheet HTML 5Page - NEC 2SK3402 Datasheet HTML 6Page - NEC 2SK3402 Datasheet HTML 7Page - NEC 2SK3402 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D14473EJ3V1DS
7
2SK3402
PACKAGE DRAWINGS (Unit: mm)
1) TO-251 (MP-3)
1.Gate
2.Drain
3.Source
4.Fin (Drain)
2
13
6.5±0.2
5.0±0.2
4
2.3
2.3
0.5±0.1
2.3±0.2
1.1±0.2
0.5-0.1
+0.2
0.5-0.1
+0.2
2) TO-252 (MP-3Z)
1. Gate
2. Drain
3. Source
4. Fin (Drain)
12
3
4
6.5±0.2
5.0±0.2
2.3 2.3
0.9
MAX.
2.3±0.2
0.5±0.1
0.8
MAX.
0.8
1.1±0.2
EQUIVALENT CIRCUIT
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this
device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage
may be applied to this device.
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Similar Part No. - 2SK3402

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3402 KEXIN-2SK3402 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3402 VBSEMI-2SK3402 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3402 ISC-2SK3402 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3402 RENESAS-2SK3402 Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
Guangdong Kexin Industr...
2SK3402-Z KEXIN-2SK3402-Z Datasheet
1Mb / 5P
   N-Channel MOSFET
More results

Similar Description - 2SK3402

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com