Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3322-ZJ Datasheet(PDF) 2 Page - NEC

Part # 2SK3322-ZJ
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3322-ZJ Datasheet(HTML) 2 Page - NEC

  2SK3322-ZJ Datasheet HTML 1Page - NEC 2SK3322-ZJ Datasheet HTML 2Page - NEC 2SK3322-ZJ Datasheet HTML 3Page - NEC 2SK3322-ZJ Datasheet HTML 4Page - NEC 2SK3322-ZJ Datasheet HTML 5Page - NEC 2SK3322-ZJ Datasheet HTML 6Page - NEC 2SK3322-ZJ Datasheet HTML 7Page - NEC 2SK3322-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14114EJ2V0DS
2
2SK3322
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
100
µA
Gate Leakage Current
IGSS
VGS = ±30 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
2.5
3.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10 V, ID = 2.8 A
1.0
S
Drain to Source On-state Resistance
Note
RDS(on)
VGS = 10 V, ID = 2.8 A
1.7
2.2
Input Capacitance
Ciss
VDS = 10 V,
550
pF
Output Capacitance
Coss
VGS = 0 V,
115
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
13
pF
Turn-on Delay Time
td(on)
VDD = 150 V, ID = 2.8 A,
12
Ns
Rise Time
tr
VGS = 10 V,
10
ns
Turn-off Delay Time
td(off)
RG = 10
35
ns
Fall Time
tf
12
ns
Total Gate Charge
QG
VDD = 450 V,
15
nC
Gate to Source Charge
QGS
VGS = 10 V,
4
nC
Gate to Drain Charge
QGD
ID = 5.5 A
4.4
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 5.5 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 5.5 A, VGS = 0 V,
1.6
µs
Reverse Recovery Charge
Qrr
di/dt = 50 A/
µs
5.3
µC
Note Pulsed
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
50
PG.
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS
10%
0
ID
90%
90%
td(on)
tr
td(off)
tf
10%
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Similar Part No. - 2SK3322-ZJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3322-ZJ ISC-2SK3322-ZJ Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3322-ZJ RENESAS-2SK3322-ZJ Datasheet
250Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3322-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com