Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3405-ZK Datasheet(PDF) 3 Page - NEC

Part # 2SK3405-ZK
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3405-ZK Datasheet(HTML) 3 Page - NEC

  2SK3405-ZK Datasheet HTML 1Page - NEC 2SK3405-ZK Datasheet HTML 2Page - NEC 2SK3405-ZK Datasheet HTML 3Page - NEC 2SK3405-ZK Datasheet HTML 4Page - NEC 2SK3405-ZK Datasheet HTML 5Page - NEC 2SK3405-ZK Datasheet HTML 6Page - NEC 2SK3405-ZK Datasheet HTML 7Page - NEC 2SK3405-ZK Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14639EJ2V0DS
3
2SK3405
TYPICAL CHARACTERISTICS (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
0
0
2
3
100
200
150
1
Pulsed
VGS =10 V
50
7.0 V
4.5 V
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
Pulsed
12
3
4
56
VDS = 10 V
10
1
0.1
100
1000
Tch =
−50˚C
−25˚C
25˚C
75˚C
150˚C
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
1.0
1.5
0.5
2.0
2.5
3.0
−50
0
50
100
150
0
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
Pulsed
VDS = 10 V
10
1
100
0.1
0.01
0.1
1
10
100
Tch = 150˚C
75˚C
25˚C
−25˚C
−50˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
0
10
515
20
15
20
5
10
Pulsed
ID = 48 A
24 A
10 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
10
10
1
0.1
20
30
1000
100
Pulsed
0
VGS = 10 V
7.0 V
4.5 V


Similar Part No. - 2SK3405-ZK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3405-ZK RENESAS-2SK3405-ZK Datasheet
576Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3405-ZK

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com