Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3467-ZK Datasheet(PDF) 1 Page - NEC

Part # 2SK3467-ZK
Description  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3467-ZK Datasheet(HTML) 1 Page - NEC

  2SK3467-ZK Datasheet HTML 1Page - NEC 2SK3467-ZK Datasheet HTML 2Page - NEC 2SK3467-ZK Datasheet HTML 3Page - NEC 2SK3467-ZK Datasheet HTML 4Page - NEC 2SK3467-ZK Datasheet HTML 5Page - NEC 2SK3467-ZK Datasheet HTML 6Page - NEC 2SK3467-ZK Datasheet HTML 7Page - NEC 2SK3467-ZK Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
2001
MOS FIELD EFFECT TRANSISTOR
2SK3467
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No.
D14991EJ1V0DS00 (1st edition)
Date Published
March 2001 NS CP(K)
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The 2SK3467 is N-Channel MOS FET device that features a
low on-state resistance and excellent switching characteristics,
designed for low voltage high current applications such as
DC/DC converter with synchronous rectifier.
FEATURES
• 4.5 V drive available
• Low on-state resistance
RDS(on)1 = 6.0 m
Ω MAX. (VGS = 10 V, ID = 40 A)
• Low gate charge
QG = 55 nC TYP. (ID = 80 A, VDD = 16 V, VGS = 10 V)
• Built-in gate protection diode
• Surface mount device available
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±80
A
Drain Current (Pulse)
Note
ID(pulse)
±320
A
Total Power Dissipation (TA = 25°C)
PT1
1.5
W
Total Power Dissipation (TC = 25°C)
PT2
76
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10
µs, Duty Cycle ≤ 1%
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3467
TO-220AB
2SK3467-ZK
TO-263(MP-25ZK)
(TO-220AB)
(TO-263)


Similar Part No. - 2SK3467-ZK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3467-ZK RENESAS-2SK3467-ZK Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SK3467-ZK

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3295 NEC-2SK3295 Datasheet
71Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com