Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # BCR8
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR8 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BCR8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
100
23
5 7 101
40
30
20
10
23
5 7 102
44
50
60
70
80
90
100
0
3.8
0.6
100
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
3.4
3.0
2.6
2.2
1.8
1.4
1.0
Tj = 125°C
Tj = 25°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR8CM
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
V2. Measurement using the gate trigger characteristics measurement circuit.
V3. The critical-rate of rise of the off-state commutating voltage is shown in the table below.
V4. The contact thermal resistance Rth (c-f) in case of greasing is 1.0
°C/W.
V5. High sensitivity (IGT
≤20mA) is also available. (IGT item 1)
Test conditions
Voltage
class
8
12
VDRM
(V)
400
600
Min.
10
10
Commutating voltage and current waveforms
(inductive load)
(dv/dt) c
Symbol
R
L
R
L
Unit
V/
µs
1. Junction temperature
Tj=125
°C
2. Rate of decay of on-state commutat-
ing current
(di/dt)c=–4A/ms
3. Peak off-state voltage
VD=400V
Symbol
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
(dv/dt)c
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
V2
Gate trigger current V2
Gate non-trigger voltage
Thermal resistance
Critical-rate of rise of off-state
commutating voltage
Test conditions
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=12A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case V4
Unit
mA
V
V
V
V
mA
mA
mA
V
°C/W
V/
µs
Typ.
!
@
#
!
@
#
ELECTRICAL CHARACTERISTICS
Limits
Min.
0.2
V3
Max.
2.0
1.5
1.5
1.5
1.5
30
V5
30 V5
30
V5
2.0
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
PERFORMANCE CURVES


Similar Part No. - BCR8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR8 MITSUBISHI-BCR8 Datasheet
86Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR8AS-14LJ RENESAS-BCR8AS-14LJ Datasheet
90Kb / 7P
   Triac Medium Power Use
BCR8AS-14LJB01 RENESAS-BCR8AS-14LJB01 Datasheet
90Kb / 7P
   Triac Medium Power Use
BCR8AS-14LJ RENESAS-BCR8AS-14LJ_15 Datasheet
90Kb / 7P
   Triac Medium Power Use
BCR8AS14LJ-T13B01 RENESAS-BCR8AS14LJ-T13B01 Datasheet
90Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR16CS POWEREX-BCR16CS Datasheet
85Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR16CS MITSUBISHI-BCR16CS Datasheet
85Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR6AM MITSUBISHI-BCR6AM Datasheet
91Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR16CM RENESAS-BCR16CM_15 Datasheet
214Kb / 14P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR5AM MITSUBISHI-BCR5AM Datasheet
91Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR8CS POWEREX-BCR8CS Datasheet
86Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR10CM MITSUBISHI-BCR10CM Datasheet
94Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR10CS POWEREX-BCR10CS Datasheet
86Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
BCR12CM MITSUBISHI-BCR12CM Datasheet
91Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com