Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3480-Z Datasheet(PDF) 5 Page - NEC

Part # 2SK3480-Z
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3480-Z Datasheet(HTML) 5 Page - NEC

  2SK3480-Z Datasheet HTML 1Page - NEC 2SK3480-Z Datasheet HTML 2Page - NEC 2SK3480-Z Datasheet HTML 3Page - NEC 2SK3480-Z Datasheet HTML 4Page - NEC 2SK3480-Z Datasheet HTML 5Page - NEC 2SK3480-Z Datasheet HTML 6Page - NEC 2SK3480-Z Datasheet HTML 7Page - NEC 2SK3480-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D15078EJ1V0DS
5
2SK3480
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
0
0
10
20
30
40
50
60
70
50
100
150
10 V
VGS = 4.5 V
Pulsed
ID = 25 A
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.0
0
1.5
VSD - Source to Drain Voltage - V
0.5
Pulsed
0.1
1
10
100
1000
0 V
VGS = 10 V
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.01
100
1000
10000
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Crss
Coss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
1
0.1
100
1000
10
100
tf
tr
td(on)
td(off)
VDD = 50 V
VGS = 10 V
RG = 0
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Drain Current - A
di/dt = 100 A/ns
VGS = 0 V
1
0.1
10
1
10
100
1000
100
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
20
0
0
20
40
60
80
100
0
2
4
6
8
10
40
60
80
ID = 83 A
VDD = 80 V
50 V
20 V
VDS
VGS


Similar Part No. - 2SK3480-Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3480-Z ISC-2SK3480-Z Datasheet
402Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3480-Z RENESAS-2SK3480-Z Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
Inchange Semiconductor ...
2SK3480-ZJ ISC-2SK3480-ZJ Datasheet
402Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3480-ZJ RENESAS-2SK3480-ZJ Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SK3480-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com