Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3483-Z Datasheet(PDF) 6 Page - NEC

Part # 2SK3483-Z
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3483-Z Datasheet(HTML) 6 Page - NEC

  2SK3483-Z Datasheet HTML 1Page - NEC 2SK3483-Z Datasheet HTML 2Page - NEC 2SK3483-Z Datasheet HTML 3Page - NEC 2SK3483-Z Datasheet HTML 4Page - NEC 2SK3483-Z Datasheet HTML 5Page - NEC 2SK3483-Z Datasheet HTML 6Page - NEC 2SK3483-Z Datasheet HTML 7Page - NEC 2SK3483-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet
D15068EJ2V0DS
6
2SK3483
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
1
10
100
1000
0.01
0.1
1
10
IAS = 25 A
VDD = 50 V
VGS = 20
→ 0 V
RG= 25
Starting Tch = 25
°C
EAS = 62.5 mJ
0
20
40
60
80
100
120
25
50
75
100
125
150
175
VDD = 50 V
VGS = 20
→ 0 V
RG = 25
IAS
≤ 25 A
L - Inductive Load - mH
Starting Tch - Starting Channel Temperature -
°C


Similar Part No. - 2SK3483-Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3483-Z ISC-2SK3483-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK3483-Z-E1-AZ VBSEMI-2SK3483-Z-E1-AZ Datasheet
984Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3483-ZK ISC-2SK3483-ZK Datasheet
402Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3483-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com