Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJ1523CF24VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # WJ1523CF24VDC
Description  Switching capacity up to 10A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1523CF24VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  WJ1523CF24VDC Datasheet HTML 1Page - CIT Relay & Switch WJ1523CF24VDC Datasheet HTML 2Page - CIT Relay & Switch WJ1523CF24VDC Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
500K cycles (1 & 2 pole), 200K cycles (3 pole), 100K cycles (4 pole), typical
20M cycles (1 & 2 pole), 10M cycles (3 & 4 pole), typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
1500V rms min. @ sea level
1500V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.27mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
32g
ORDERING INFORMATION
1. Series:
WJ152
WJ152
2.Contact Arrangement:
1A, 1B, 1C
2A, 2B, 2C
3A, 3B, 3C
4A, 4B, 4C
3C
3. Termination:
T = Solder lugs / Plug-in
F = Solder Lugs / Plug-in with Flange
P = PC Pins
T
12VDC
4. Coil Voltage:
6VDC
12VDC
24VDC
36VDC
48VDC
110VDC
6VAC
12VAC
24VAC
36VAC
48VAC
110VAC
120VAC
220VAC
5. Optional LED:
Blank = No Indicator LED
D = With Indicator LED
6. Sealing Option:
Blank = Dust Cover (Standard)
S = Sealed
7. Gold Option:
Blank = Standard contacts
R = Gold flash over standard contacts
8. Optional Push to Test Button:
Blank = No Push to Test Button
T = With Push to Test Button
WJ152


Similar Part No. - WJ1523CF24VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ151 CIT-WJ151 Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF12VDC CIT-WJ1511AF12VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF24VDC CIT-WJ1511AF24VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF36VDC CIT-WJ1511AF36VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF6VDC CIT-WJ1511AF6VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
More results

Similar Description - WJ1523CF24VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J105D CIT-J105D Datasheet
133Kb / 3P
   Switching capacity up to 10A
J097 CIT-J097 Datasheet
125Kb / 2P
   Switching capacity up to 10A
J152 CIT-J152 Datasheet
170Kb / 3P
   Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com