Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6562B Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM6562B
Description  DOT MATRIX LCD CONTROLLER DRIVER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6562B Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM6562B Datasheet HTML 6Page - OKI electronic componets MSM6562B Datasheet HTML 7Page - OKI electronic componets MSM6562B Datasheet HTML 8Page - OKI electronic componets MSM6562B Datasheet HTML 9Page - OKI electronic componets MSM6562B Datasheet HTML 10Page - OKI electronic componets MSM6562B Datasheet HTML 11Page - OKI electronic componets MSM6562B Datasheet HTML 12Page - OKI electronic componets MSM6562B Datasheet HTML 13Page - OKI electronic componets MSM6562B Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
¡ Semiconductor
MSM6562B-xx
10/50
Parameter
Symbol
tB
tW
tA
tr
tf
tL
tC
tD
tO
40
220
10
210
500
20
20
20
150
ns
ns
ns
ns
ns
ns
ns
ns
ns
Min.
Typ.
Max.
Unit
R/W, RS0 and RS1 setup time
E "H" pulse width
R/W, RS0 and RS1 hold time
E rise time
E fall time
E "L" pulse width
E cycle time
DB0 to DB7 data ouput delay time
DB0 to DB7 data ouput hold time
(VDD = 4.5 to 5.5V, Ta = –30 to +85°C)
VIH1
VIL1
VIH1
VIL1
VOH1
VOL1
VOH1
VOL1
tc
tO
tD
tA
tW
VIL1
VIL1
VIL1
tB
tf
tr
tL
VIL1
VIH1
VIL1
VIL1
RS1, 0
R/W
E
DB0-7
Output data
2. Timing for output to the CPU (read operation)


Similar Part No. - MSM6562B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6568A OKI-MSM6568A Datasheet
58Kb / 8P
   160-DOT COMMON DRIVER
More results

Similar Description - MSM6562B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com