Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3713 Datasheet(PDF) 1 Page - NEC

Part # 2SK3713
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3713 Datasheet(HTML) 1 Page - NEC

  2SK3713 Datasheet HTML 1Page - NEC 2SK3713 Datasheet HTML 2Page - NEC 2SK3713 Datasheet HTML 3Page - NEC 2SK3713 Datasheet HTML 4Page - NEC 2SK3713 Datasheet HTML 5Page - NEC 2SK3713 Datasheet HTML 6Page - NEC 2SK3713 Datasheet HTML 7Page - NEC 2SK3713 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3713
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D16588EJ1V0DS00 (1st edition)
Date Published September 2003 NS CP(K)
Printed in Japan
2003
DESCRIPTION
The 2SK3713 is N-channel MOS Field Effect Transistor
designed for high voltage and high speed switching
applications.
FEATURES
• Super high VGS(off): VGS(off) = 3.8 to 5.8 V
• Low Crss: Crss = 6.5 pF TYP.
• Low QG: QG = 25 nC TYP.
• Low on-state resistance:
RDS(on) = 0.83
Ω MAX. (VGS = 10 V, ID = 5 A)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
600
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±10
A
Drain Current (pulse)
Note1
ID(pulse)
±35
A
Total Power Dissipation (TC = 25°C)
PT1
100
W
Total Power Dissipation (TA = 25°C)
PT2
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
10
A
Single Avalanche Energy
Note2
EAS
6mJ
Notes 1.
PW
≤ 10
µs, Duty Cycle ≤ 1%
2.
Starting Tch = 25°C, VDD = 100 V, L = 100
µH, RG = 25 Ω, VGS = 20 → 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3713-SK
TO-262


Similar Part No. - 2SK3713

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3713 KEXIN-2SK3713 Datasheet
43Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3713 RENESAS-2SK3713 Datasheet
289Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2003
2SK3713-SK RENESAS-2SK3713-SK Datasheet
289Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2003
More results

Similar Description - 2SK3713

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com