Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6595A-XXX Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6595A-XXX
Description  1-Mbit Serial Voice ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6595A-XXX Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6595A-XXX Datasheet HTML 1Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 2Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 3Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 4Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 5Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 6Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 7Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 8Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/12
¡ Semiconductor
MSM6595A-xxx
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Max.
Unit
VDD = 2.7 to 5.5 V, Ta = –40 to +85°C
"H" Level Input Voltage
VIH
0.85xVDD
—V
"L" Level Input Voltage
VIL
0.15xVDD
V
"H" Level Output Voltage
VOH
IOH = –40 mAVDD–0.3
V
"L" Level Output Voltage
VOL
IOL = 2 mA
0.45
V
"H" Level Input Current
IIH
VIH = VDD
—10
mA
"L" Level Input Current
IIL
VIL = GND
–10
mA
Current Consumption (1)
IDD
tRDC = 2.5 ms
20
mA
Current Consumption (2)
IDS
CS =
VDD–0.2 V
Ta = –40
to +70°C
10
mA
Typ.
9
Ta = –40
to +85°C
50
Typical values are at VDD = 5.0 V, Ta = 25°C.
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
GND=0 V
2.7 to 5.5
V
Operating Temperature
Top
–40 to +85
°C
AC Characteristics
Parameter
Symbol
Min.
Max.
Unit
VDD = 2.7 to 5.5 V, Ta = –40 to +85°C
CS, SAS Setup Time
tCSS
1000
ns
SASX, SASY Cycle Time
tSSC
500
ns
SASX, SASY Precharge Time
tSAP
250
ns
SASX, SASY Pulse Width
tSAS
250
ns
Address Setup Time
tAS
100
ns
Address Hold Time
tAH
100
ns
TAS Setup Time
tATS
500
ns
TAS, RDCK Setup Time
tTRS
500
ns
TAS Pulse Width
tTAS
250
ns
Read Cycle Time
tRDC
2500
ns
Access Time
tACC
1500
ns
Output Turn-off Delay Time
tOFF
0
200
ns
RDCK Precharge Time
tRDP
1000
ns
RDCK Pulse Width
tRD
1500
ns


Similar Part No. - MSM6595A-XXX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6596A-XXX OKI-MSM6596A-XXX Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
MSM6597A-XXX OKI-MSM6597A-XXX Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
MSM6599 OKI-MSM6599 Datasheet
130Kb / 11P
   80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6595A-XXX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
logo
Mosel Vitelic, Corp
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
   21 Voice ROM
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
   2.7 VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
   3 VOICE ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com