Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3901 Datasheet(PDF) 2 Page - NEC

Part # 2SK3901
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3901 Datasheet(HTML) 2 Page - NEC

  2SK3901 Datasheet HTML 1Page - NEC 2SK3901 Datasheet HTML 2Page - NEC 2SK3901 Datasheet HTML 3Page - NEC 2SK3901 Datasheet HTML 4Page - NEC 2SK3901 Datasheet HTML 5Page - NEC 2SK3901 Datasheet HTML 6Page - NEC 2SK3901 Datasheet HTML 7Page - NEC 2SK3901 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D17176EJ1V0DS
2
2SK3901
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10 V, ID = 30 A
18
36
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS = 10 V, ID = 30 A
10.3
13
m
RDS(on)2
VGS = 4.5 V, ID = 30 A
12.1
16.5
m
Input Capacitance
Ciss
VDS = 10 V
1950
pF
Output Capacitance
Coss
VGS = 0 V
380
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
150
pF
Turn-on Delay Time
td(on)
VDD = 30 V, ID = 30 A
12
ns
Rise Time
tr
VGS = 10 V
6
ns
Turn-off Delay Time
td(off)
RG = 0
48
ns
Fall Time
tf
5.0
ns
Total Gate Charge
QG
VDD = 48 V
40
nC
Gate to Source Charge
QGS
VGS = 10 V
7.5
nC
Gate to Drain Charge
QGD
ID = 60 A
10.0
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 60 A, VGS = 0 V
0.96
1.5
V
Reverse Recovery Time
trr
IF = 60 A, VGS = 0 V
32
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
45
nC
Note Pulsed
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
µ


Similar Part No. - 2SK3901

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3901 KEXIN-2SK3901 Datasheet
43Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3901 RENESAS-2SK3901 Datasheet
284Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2004
logo
Inchange Semiconductor ...
2SK3901-ZK ISC-2SK3901-ZK Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3901-ZK RENESAS-2SK3901-ZK Datasheet
284Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2004
2SK3901 RENESAS-2SK3901_15 Datasheet
284Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - 2SK3901

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com