Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3991 Datasheet(PDF) 3 Page - NEC

Part # 2SK3991
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3991 Datasheet(HTML) 3 Page - NEC

  2SK3991 Datasheet HTML 1Page - NEC 2SK3991 Datasheet HTML 2Page - NEC 2SK3991 Datasheet HTML 3Page - NEC 2SK3991 Datasheet HTML 4Page - NEC 2SK3991 Datasheet HTML 5Page - NEC 2SK3991 Datasheet HTML 6Page - NEC 2SK3991 Datasheet HTML 7Page - NEC 2SK3991 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D17434EJ2V0DS
3
2SK3991
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TC - Case Temperature -
°C
0
5
10
15
20
25
0
25
50
75
100
125
150
175
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
1000
0.1
1
10
100
ID(pulse) = 120 A
PW = 100
µs
1 ms
10 ms
ID(DC) = 30 A
RDS(on) Limited
(at VGS = 10 V)
Power Dissipation Limited
TC = 25°C
Single pulse
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-A) = 125°C/W
Rth(ch-C) = 5.95°C/W
Single pulse
PW - Pulse Width - s
100
µ
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - 2SK3991

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SK3991 VBSEMI-2SK3991 Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3991 ISC-2SK3991 Datasheet
397Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3991 RENESAS-2SK3991 Datasheet
277Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2005
logo
Inchange Semiconductor ...
2SK3991-ZK ISC-2SK3991-ZK Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3991-ZK RENESAS-2SK3991-ZK Datasheet
277Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2005
More results

Similar Description - 2SK3991

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com